Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7979 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7979
Description  11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7979 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7979 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7979 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7999 and VSC7979 are 10.7 Gb/s - 12.5 Gb/s high performance,
low power transimpedance amplifiers designed for use in optical
communication systems. The devices are intended for use with a PIN
or an APD photodetector, and are capable of amplifying input currents
over 2.5 mA with low duty-cycle distortion and with little total jitter
change. The VSC7999 and VSC7979 offer 9kohm and 3kohm differential
transimpedance respectively, eliminating the need for an additional
post-amplifier. The outputs limit to a typical differential value of
600mVp-p, increasing the dynamic range of the system by reducing the
possibility of exceeding the input voltage range of the transceiver
device. The VSC7999 and VSC7979 also allow compensation for fiber
non-linearities such as dispersion and EDFA non-linearity.
APPLICA TION DIAGRAMS:
GENERAL DESCRIPTION:
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
VSC7979,VSC7999
Laser
300-Pin, 200-Pin Transponder
Drivers
VSC7983 - EML
VSC7984 - EML
VSC7992 - RZ
VSC8473
CRU/DEMUX/
MUX/CMU
VSC8477
Adaptive XCVR
VSC9271
10G
FEC/PM
10 Gb/s Receiver
Photo
Detector
TIA
VSC7999
VSC7979
uC
Laser
10 Gb/s Receiver
Photo
Detector
TIA
VSC7999
VSC7979
uC
XFP Transceiver
VSC8473
VSC8477
10G SONET
XCVRs
0-12é FR4
VSC8233
Dual Signal
Conditioner
Post Amp +
CDR
CDR+CU
equalization
XFI
Drivers
VSC7983 - EML
VSC7984 - EML



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com