Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7979 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7979
Description  11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7979 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7979 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7979 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7979, VSC7999
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
APPLICA TIONS:
10G Receiver Optical Sub-Assemblies:
- 9.983 Gb/s SONET OC-192/SDH STM-64
- 10.3 Gb/s Ethernet
- 10.5 Gb/s Fibre Channel
- 10.7 Gb/s OTN G.709/G.975
- 12.5 Gb/s SONET with FEC
- DWDM SONET/SDH
Transponders:
- XENPAK, X2, XPAK Modules
- 300-pin MSA Modules
Transceivers:
- XFP Modules
FEA TURES:
Single +3.3V Supply
9K
Ω Differential Transimpedance – VSC7999
3K
Ω Differential Transimpedance – VSC7979
Low Power Consumption for XFP Applications
Photo Linear Current Monitor
Input Slicing Adjust for Fiber Dispersion Compensation
Available in Bare Dice
.
PHYSICAL LAYER PRODUCTS
PB-VSC7979,7999-001
VSC7999
Optical
Distortion
Adjustment
Input
Current
Monitor
SLCDN
OUTP
OUTN
SLCUP
VPD
IIN
IMON
BENEFITS:
Source Terminated Differential Outputs for High Signal Integrity
Linear Photocurrent Monitor Offers Diagnostic Capabilities
Input Slicing Adjust Allows the End User to Optimize the Receiver
Performance for Fiber Dispersion and Non-linearity
SPECIFICA TIONS:
Supply Voltage: 3.3V
± 10%
Power Dissipation: 210mW – VSC7999
Power Dissipation: 180mW – VSC7979
Input Noise: 12 pA/ Hz
Bandwidth: 10.5GHz (typical)
Sensitivity : -19dBm (typical)
Max Input Current: 2.5mA p-p (min)
Operating Temperature from -10
°C to 85°c
BLOCK DIAGRAM:


Similar Part No. - VSC7979

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7970 VITESSE-VSC7970 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7971 VITESSE-VSC7971 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7972 VITESSE-VSC7972 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7973 VITESSE-VSC7973 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7975 VITESSE-VSC7975 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
More results

Similar Description - VSC7979

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
1.25 GB/S TRANSIMPEDANCE AMPLIFIER
REV 0
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
Vitesse Semiconductor C...
VSC7773 VITESSE-VSC7773 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
10.7 Gb/s Transimpedance Amplifier
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
TriQuint Semiconductor
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
logo
Qorvo, Inc
TQP5115 QORVO-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com