Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP02 Datasheet(PDF) 13 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DCP02 Datasheet HTML 9Page - Texas Instruments DCP02 Datasheet HTML 10Page - Texas Instruments DCP02 Datasheet HTML 11Page - Texas Instruments DCP02 Datasheet HTML 12Page - Texas Instruments DCP02 Datasheet HTML 13Page - Texas Instruments DCP02 Datasheet HTML 14Page - Texas Instruments DCP02 Datasheet HTML 15Page - Texas Instruments DCP02 Datasheet HTML 16Page - Texas Instruments DCP02 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
DCP020503P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP020503U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020505P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP020505U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020505U/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020505U/1KE4
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020505UE4
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020507P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP020507U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020507U/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020509P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP020509U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020515DP
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP020515DU
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP020515DU/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP021205P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
CU SNPB
N / A for Pkg Type
DCP021205PE4
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
CU SNPB
N / A for Pkg Type
DCP021205U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
CU SNPB
Level-3-260C-168 HR
DCP021205U/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
CU SNPB
Level-3-260C-168 HR
DCP021212DP
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
Cu NiPdAu
N / A for Pkg Type
DCP021212DU
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP021212DU/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP021212P
ACTIVE
PDIP
NVA
7
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
DCP021212U
ACTIVE
SOP
DVB
12
28
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
DCP021212U/1K
ACTIVE
SOP
DVB
12
1000
Pb-Free
(RoHS)
Cu NiPdAu
Level-3-260C-168 HR
PACKAGE OPTION ADDENDUM
www.ti.com
28-Nov-2007
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com