Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCP02 Datasheet(PDF) 3 Page - Texas Instruments

Part # DCP02
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP02 Datasheet(HTML) 3 Page - Texas Instruments

  DCP02 Datasheet HTML 1Page - Texas Instruments DCP02 Datasheet HTML 2Page - Texas Instruments DCP02 Datasheet HTML 3Page - Texas Instruments DCP02 Datasheet HTML 4Page - Texas Instruments DCP02 Datasheet HTML 5Page - Texas Instruments DCP02 Datasheet HTML 6Page - Texas Instruments DCP02 Datasheet HTML 7Page - Texas Instruments DCP02 Datasheet HTML 8Page - Texas Instruments DCP02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS PER DEVICE
DCP02 Series
SBVS011I – MARCH 2000 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING/SYNCHRONIZATION
Oscillator frequency (fOSC)
Switching frequency = fOSC/2
800
kHz
Sync input low
0
0.4
V
Sync input current
VSYNC = +2V
75
µA
Disable time
2
µs
Capacitance loading on SYNC pin
External
3(3)
pF
RELIABILITY
Demonstrated
TA = +55°C
75
FITS
THERMAL SHUTDOWN
IC temperature at shutdown
+150
°C
Shutdown current
3
mA
TEMPERATURE RANGE
Operating
–40
+85
°C
(3)
For more information, refer to application report SBAA035, available for download at www.ti.com.
At TA = +25°C, VS = nominal, CIN = 2.2µF, COUT = 1.0 µF, unless otherwise noted.
INPUT
OUTPUT
LOAD
NO LOAD
BARRIER
VOLTAGE
VOLTAGE
REGULATION
CURRENT
EFFICIENCY
CAPACITANCE
(V)
(V)
(%)
(mA)
(%)
(pF)
VS
VNOM AT VS (TYP)
IQ
CISO
10% TO 100%
75% LOAD(1)
LOAD(2)
0% LOAD
100% LOAD
VISO = 750Vrms
PRODUCT
MIN
TYP
MAX
MIN
TYP
MAX
TYP
MAX
TYP
TYP
TYP
DCP020503P, U
4.5
5
5.5
3.13
3.3
3.46
19
30
18
74
26
DCP020505P, U
4.5
5
5.5
4.75
5
5.25
14
20
18
80
22
DCP020507P, U
4.5
5
5.5
6.65
7
7.35
14
25
20
81
30
DCP020509P, U
4.5
5
5.5
8.55
9
9.45
12
20
23
82
31
DCP020515DP, U
4.5
5
5.5
±14.25
±15
±15.75
11
20
27
85
24
DCP021205P, U
10.8
12
13.2
4.75
5
5.25
7
15
14
83
33
DCP021212P, U
10.8
12
13.2
11.4
12
12.6
7
20
15
87
47
DCP021212DP, U
10.8
12
13.2
±11.4
±12
±12.6
6
20
16
88
35
DCP021215DP
10.8
12
13.2
±14.25
±15
±15.75
6
20
21
87
33
DCP021505U
13.5
15
16.5
4.75
5
5.25
10
15
11
81
34
DCP021515P, U
13.5
15
16.5
14.25
15
15.75
6
20
15
88
42
DCP022405P
21.6
24
26.4
4.85
5
5.35
6
10
13
81
33
DCP022405U
21.6
24
26.4
4.75
5
5.25
10
15
13
81
33
DCP022405DP, U
21.6
24
26.4
±4.75
±5
+5.25
6
15
12
80
22
DCP022412DP
21.6
24
26.4
±11.4
±12
±12.6
4
16
19
83
29
DCP022415DP, U
21.6
24
26.4
±14.25
±15
±15.75
6
25
16
79
44
DCP022418DP
21.6
24
26.4
±17.1
±18
±18.9
9
25
20
84
32
(1)
100% load current = 2W/VNOM (typ)
(2)
Load regulation = (VOUT at 10% load - VOUT at 100%)/VOUT at 75% load
Copyright © 2000–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DCP02 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com