Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7992 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7992
Description  10.7 Gb/s RZ or NRZ Laser Modulator Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7992 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7992 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7992 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC7992
FEA TURES:
Single –6.5V Supply
Output Data Retiming
Selectable RZ or NRZ Data Formatting
Differential Inputs with 50
Ω On Die Termination
Excellent Output Return Loss with 50
Ω Output Back
Termination
Programmable Output Data Eye Crossing Point
3V Output Compliance
Available in Bare Dice, or 22-pin 12mm x 13mm
Ceramic Package
APPLICA TIONS:
Long Haul SONET/SDH Transmission Systems
9.983 Gb/s SONET OC-192/SDH STM-64
10.7 Gb/s OTN G.709/G.975
10.7 Gb/s SONET/SDH with FEC
10.7 Gb/s DWDM
10.7 Gb/s RZ or NRZ Laser Modulator Driver
BENEFITS:
Selectable RZ modulation capable of directly driving Externally Modulated
Lasers, such as Differential Mach-Zender Modulators (MZ) or Electro-
Absorption Modulators (EAM), without the need of a second modulator
and driver for pulse carving.
Extended Case Temperature Range (0
°C to 75°C) Providing More Thermal
Margin for System Design
Direct Access to Output Modulation and Offset Bias Controls Allowing
Precision Monitoring and Setting of the Voltage Levels
Duty Cycle Control to Optimize the Optical Output Eye
SPECIFICA TIONS:
Supply Voltage: –6.5V
Supply Current: 500mA (typical)
Power Dissipation: 3W (typical)
Input Sensitivity: 400mV to 1V single ended or differential
Data Rate: 10.7 Gb/s
Clock Rate: 10.7 GHz
Output Modulation Voltage: 2 to 3V
Output Rise Fall Time: 27 ps (max)
RZ Pulse Width Range: 47ps to 53ps
NRZ Pulse Width Range: 85ps to 93ps
Operating Temperature from 0
°C to 75°C
Package:
- VSC7992-W: Dice
- VSC7992FX: 22-pin Ceramic Package
TRANSPORT PRODUCT
PB-VSC7992-001


Similar Part No. - VSC7992

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7991CD VITESSE-VSC7991CD Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7991X VITESSE-VSC7991X Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
10.7 Gb/s Transimpedance Amplifier
VSC7998 VITESSE-VSC7998 Datasheet
425Kb / 2P
10.7 Gb/s Transimpedance Amplifier
More results

Similar Description - VSC7992

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
9.9 - 12.5 Gb/s Optical Modulator Driver
logo
Eudyna Devices Inc
F0513005L EUDYNA-F0513005L Datasheet
448Kb / 13P
3 Gb/s NRZ Data Rate Laser Diode Driver
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
F0539951Q EUDYNA-F0539951Q Datasheet
154Kb / 9P
10.0Gb/s NRZ Data Rate Laser Diode Driver
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
11.2 Gb/s Electroabsorption Modulator Driver
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
10.7 Gb/s Transimpedance Amplifier
logo
TriQuint Semiconductor
TGA4957-SM TRIQUINT-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
28 Gb/s Differential Modulator Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com