Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7992 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7992
Description  10.7 Gb/s RZ or NRZ Laser Modulator Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7992 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7992 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7992 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
GENERAL DESCRIPTION:
10.7 Gb/s RZ or NRZ Laser Modulator Driver
VSC7992
The VSC7992 is a 10.7 Gb/s laser diode modulator driver with direct
access to the laser modulation transistors. Laser modulation
currents are set by external components allowing precision
monitoring and setting of current levels. Clock and data inputs are
differentially terminated to 50 ohm. Both Return-to-Zero (RZ) and
Non-Return-to-Zero (NRZ) data formats may be generated. The
VSC7992 is available in a 22-pin ceramic package or in die form.
APPLICA TION DIAGRAMS:
OPTICAL EYE DIAGRAMS:
Ultra Long Haul Transport Line Card
VSC1233
VSC1235
MUX
VSC9271
VSC6131
FEC
VSC1234
VSC1236
DMUX
PIN or APD
Photo Detector
Differential
MZ
Modulator
Laser
VSC7999
VSC7979
TIA
Receiver
VSC7992
RZ Driver
Ultra Long Haul Transport Line Card
VSC1233
VSC1235
MUX
VSC9271
VSC6131
FEC
VSC1234
VSC1236
DMUX
PIN or APD
Photo Detector
EAM
Laser
Receiver
VSC7999
VSC7979
TIA
VSC7992
RZ Driver
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com