Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TL
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TL Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LP3958TL Datasheet HTML 20Page - National Semiconductor (TI) LP3958TL Datasheet HTML 21Page - National Semiconductor (TI) LP3958TL Datasheet HTML 22Page - National Semiconductor (TI) LP3958TL Datasheet HTML 23Page - National Semiconductor (TI) LP3958TL Datasheet HTML 24Page - National Semiconductor (TI) LP3958TL Datasheet HTML 25Page - National Semiconductor (TI) LP3958TL Datasheet HTML 26Page - National Semiconductor (TI) LP3958TL Datasheet HTML 27Page - National Semiconductor (TI) LP3958TL Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LP3958 Register Bit Explanations
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Register Bit Accessibility and Initial Condition
Key
Bit Accessibility
RW
Read/write
R
Read only
–0,–1
Condition after POR
CONTROL REGISTER (00H) – KEYPAD LEDS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
KEYP_PWM
EN_KEYP
CC_SW
K1SW
K2SW
K3SW
RW-0
RW-0
RW-1
R-0
RW-0
RW-0
RW-0
R-0
KEYP_PWM
Bit 7
0 - Internal KEYPAD PWM control disabled
1 - Internal KEYPAD PWM control enabled
EN_KEYP
Bit 6
0 – KEYPAD outputs disabled
1 – KEYPAD outputs enabled
CC_SW
Bit 5
0 – Constant current sink mode
1 – Switch mode
K1SW
Bit 3
0 – KEYPAD1 disabled
1 – KEYPAD1 enabled
K2SW
Bit 2
0 – KEYPAD2 disabled
1 – KEYPAD2 enabled
K3SW
Bit 1
0 – KEYPAD3 disabled
1 – KEYPAD3 enabled
KEYPAD (01H) – KEYPAD BALANCE AND BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
BALANCE[2:0]
BRIGHT[2:0]
OVL
R-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
BALANCE[2:0]
Bits 6-4
PWM balance for KEYPAD outputs
BRIGHT[2:0]
Bits 3-1
PWM brightness control for KEYPAD outputs
OVL
Bit 0
0 – Overlapping mode disabled
1 – Overlapping mode enabled
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com