Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TL
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TL Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3958TL Datasheet HTML 1Page - National Semiconductor (TI) LP3958TL Datasheet HTML 2Page - National Semiconductor (TI) LP3958TL Datasheet HTML 3Page - National Semiconductor (TI) LP3958TL Datasheet HTML 4Page - National Semiconductor (TI) LP3958TL Datasheet HTML 5Page - National Semiconductor (TI) LP3958TL Datasheet HTML 6Page - National Semiconductor (TI) LP3958TL Datasheet HTML 7Page - National Semiconductor (TI) LP3958TL Datasheet HTML 8Page - National Semiconductor (TI) LP3958TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V (SW, FB, MAIN, SUB, KEY1,
KEY2, KEY3)
-0.3V to +20V
V
DD1,VDD2,VDDIO,VDDA
-0.3V to +6.0V
Voltage on I
KEY,IRT,VREF
-0.3V to V
DD1+0.3V
with 6.0V max
Voltage on Logic Pins
-0.3V to V
DDIO +0.3V
with 6.0V max
I(V
REF)
10µA
I(KEY1, KEY2, KEY3)
100mA
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
125oC
Storage Temperature Range
-65oC to +150oC
Maximum Lead Temperature
(Soldering) (Note 4)
260oC
ESD Rating (Note 5)
Human Body Model:
2kV
Machine Model:
200V
Operating Ratings (Notes 1, 2)
V (SW, FB, MAIN, SUB)
0 to +19V
V
DD1,2
3.0 to 5.5V
V
DDIO
1.65V to V
DD1
Recommended Load Current
(KEY1, KEY2, KEY3) CC Mode
0mA to 15mA/driver
Recommended Total Boost
Converter Load Current
0mA to 70mA
Junction Temperature (T
J) Range
-30oC to +125oC
Ambient Temperature (T
A) Range
(Note 6)
-30oCto+85oC
Thermal Properties
Junction-to-Ambient Thermal
Resistance(
θ
JA), TLA25 Package
(Note 7)
60 - 100oC/W
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com