Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TLX Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TLX
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TLX Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP3958TLX Datasheet HTML 15Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 16Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 17Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 18Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 19Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 20Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 21Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 22Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
I
2C Compatible Interface
I
2C SIGNALS
The SCL pin is used for the I
2C clock and the SDA pin is
used for bidirectional data transfer. Both these signals need
a pull-up resistor according to I
2C specification.
I
2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period
of the clock signal (SCL). In other words, state of the data
line can only be changed when CLK is LOW.
20175549
I
2C Signals: Data Validity
I
2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of
the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH.
STOP condition is defined as the SDA transitioning from
LOW to HIGH while SCL is HIGH. The I
2C master always
generates START and STOP bits. The I
2C bus is considered
to be busy after START condition and free after STOP con-
dition. During data transmission, I
2C master can generate
repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
20175550
I
2C Start and Stop Conditions
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with
the most significant bit (MSB) being transferred first. Each
byte of data has to be followed by an acknowledge bit. The
acknowledge related clock pulse is generated by the master.
The transmitter releases the SDA line (HIGH) during the
acknowledge clock pulse. The receiver must pull down the
SDA line during the 9
th clock pulse, signifying an acknowl-
edge. A receiver which has been addressed must generate
an acknowledge after each byte has been received.
After the START condition, the I
2C master sends a chip
address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP3958
address is 59H (101 1001b). For the eighth bit, a “0” indi-
cates a WRITE and a “1” indicates a READ. This means that
the first byte is B2H for WRITE and B3H for READ. The
second byte selects the register to which the data will be
written. The third byte contains data to write to the selected
register.
20175551
I
2C Chip Address
Register changes take an effect at the SCL rising edge
during the last ACK from slave.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com