Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TLX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3958TLX
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3958TLX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP3958TLX Datasheet HTML 10Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 11Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 12Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 13Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 14Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 15Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 16Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 17Page - National Semiconductor (TI) LP3958TLX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Functionality of Keypad LED Outputs (KEY1, KEY2, KEY3) (Continued)
External PWM Control
The GPIO[0]/PWM pin can be used to control the KEY
output. PWM function for the pin is selected by writing EN-
_PWM_PIN high in GPIO control register (address 06H).
Note, that EN_KEYP bit must be set high. Each LED output
can be enabled with K1SW, K2SW and K3SW bits.
EN_EXT_K1_PWM,
EN_EXT_K2_PWM
and
EN_EXT_K3_PWM bits are used to select, which LED out-
puts are controlled with the external PWM input. Note that
polarity of external PWM control is active high i.e. when high,
then LED output is enabled. If KEYP_PWM is set low, then
each selected LED output is controlled directly with external
PWM input. If KEYP_PWM is set high, then internal PWM
control is modulated by the external PWM input. In latter
case, internal PWM control is passed to LED when external
PWM input is high.
Keypad LEDs Driver Performance Characteristics
Symbol
Parameter
Condition
Min
Typ
Max Units
I
LEAKAGE
KEY1, KEY2, KEY3 pin leakage current
1
µA
I
MAX(KEY)
Maximum recommended sink current
CC mode
15
mA
SW mode
60
mA
Accuracy @ 15mA
CC mode
5
%
Current mirror ratio
CC mode
1:100
KEY current matching error
I
KEY set to 15mA, CC mode
3
%
R
SW
Switch resistance
SW mode
3.5
Ω
ƒ
KEY
KEY internal PMW switching frequency
Accuracy same as internal clock
frequency accuracy
20
kHz
V
SAT
Saturation voltage (current drop 10%)
I
KEY set to 15mA
100
500
mV
Note: KEY current should be limited as follows:
constant current mode – limited by external RKEY resistor
switch mode – limited by external ballast resistors
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com