Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8486 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8486
Description  10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8486 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8486 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8486 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC8486
ETHERNET PRODUCTS
VPPD-01396
Revision 1.1
VSC8486
32 × 311 Mbps
32 × 311 Mbps
PCS / ePCS
Encode
PCS / ePCS
Decode
eWIS
Generator
PMA
MUX
XGXS
Decode
XGXS
Encode
eWIS
Monitor
PMA
DMUX
XGMII
XGMII
10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
BLOCK DIAGRAM:
APPLICA TIONS:
LOW POWER:
Exceptionally low power (700 mW LAN mode or 750 mW WAN mode) allows for higher port
densities
WIDE RANGE OF SUPPORT:
Fully com
patible with IEEE 802.3ae and T11 10 GFC
Extended-WIS (E-WIS) provides full Clause 50 support and enables transport over existing
SONET networks
10 Gbps serial interface exceeds all SONET and 10 GbE requirements
4 x 3.125 Gbps and 3.182 Gbps XAUI I/O enable interconnection with a wide range of Layer-2
devices
Seamless connectivity to XFP and SFP+ modules
10 Gbps receiver exceeds all 10 GbE stressed eye requirements
T OOLS FOR RAPID DESIGN:
Multiple loopback modes and built-in self test (BIST) capabilities reduce system development
costs, enable manufacturing tests, and improve time to market
JTAG access port facilitates boundary scan for in-circuit test to improve board yield
Single 1.2 voltage for the whole chip with optional power supply range (1.2 V, 1.8 V, and 3.3 V)
for the TTL interface
FLEXIBILITY :
XAUI I/O programmability for lane swap, invert, amplitude, pre-emphasis, and equalization
KX4-compatible 3 Gbps I/O for long-reach copper interconnect provides additional margin to
traverse connectors and the backplane up to 40 inches
Extended-PCS (E-PCS) mode with forward error correction (FEC) auto-negotiation allows
extended reach over single-mode and multimode fiber with 10–15 error floor
Enhanced de-emphasis and equalization compensates for connector and channel losses and
makes the device SFP+ compatible
Accessibility of the recovered clock from high speed input and separate clock paths for CMU
and CRU enable Layer 1 support for Synchronous Ethernet
XGMII interface enables the device to be used in a roll-over redundant link application to
provide fault tolerance
10 Gbps Ethernet LAN/WAN switches, routers,
and router to WAN interconnects
10 Gbps Ethernet network interface cards
10 Gbps Fibre Channel host bus adapters and
switches
SPECIFICA TIONS:
Total power: 750 mW
Supply voltage: 1.2 V


Similar Part No. - VSC8486

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
VSC8489-13 VITESSE-VSC8489-13 Datasheet
411Kb / 2P
Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
More results

Similar Description - VSC8486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
10 Gigabit Ethernet LAN/WAN PHY
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC7281 VITESSE-VSC7281 Datasheet
436Kb / 2P
Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver
VSC8476 VITESSE-VSC8476 Datasheet
438Kb / 2P
XAUI to XFI 10GE & 10GFC Transceiver
logo
Texas Instruments
DLKPC192S TI1-DLKPC192S Datasheet
339Kb / 25P
10-Gbps ETHERNET LAN PHYSICAL CODING SUBLAYER (PCS) WITH SSTL XGMII INTERFACE
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
logo
Applied Micro Circuits ...
QT2032PRKCB AMCC-QT2032PRKCB Datasheet
2Mb / 220P
10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
logo
Texas Instruments
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com