Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7E Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T256YMT7E
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T256YMT7E Datasheet HTML 8Page - STMicroelectronics M41T256YMT7E Datasheet HTML 9Page - STMicroelectronics M41T256YMT7E Datasheet HTML 10Page - STMicroelectronics M41T256YMT7E Datasheet HTML 11Page - STMicroelectronics M41T256YMT7E Datasheet HTML 12Page - STMicroelectronics M41T256YMT7E Datasheet HTML 13Page - STMicroelectronics M41T256YMT7E Datasheet HTML 14Page - STMicroelectronics M41T256YMT7E Datasheet HTML 15Page - STMicroelectronics M41T256YMT7E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Operating modes
M41T256Y
12/30
Figure 6.
Bus timing requirements sequence
Table 2.
AC characteristics
2.2
Read mode
In this mode the master reads the M41T256Y slave after setting the slave address (see
Figure 7 on page 13). Following the WRITE mode control bit (R/W=0) and the Acknowledge
Bit, the byte addresses A(0) and A(1) are written to the on-chip address pointer (MSB of
address byte A(0) is a “Don’t care”). Next the START condition and slave address are
repeated followed by the READ mode control bit (R/W=1). At this point the master
transmitter becomes the master receiver. The data byte which was addressed will be
transmitted and the master receiver will send an acknowledge bit to the slave transmitter.
The address pointer is only incremented on reception of an acknowledge clock. The
M41T256Y slave transmitter will now place the data byte at address An+1 on the bus, the
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = –25 to 70°C; VCC = 4.5 to 5.5V (except where noted).
Min
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can
start
1.3
µs
tF
SDA and SCL fall time
300
ns
tHD:DAT
Data hold time
0
µs
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
(2)
2.
Transmitter must internally provide a hold time to bridge the undefined region (300ns max) of the falling edge of SCL
Data setup time
100
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com