Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMT7E Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T256YMT7E
Description  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T256YMT7E Datasheet HTML 15Page - STMicroelectronics M41T256YMT7E Datasheet HTML 16Page - STMicroelectronics M41T256YMT7E Datasheet HTML 17Page - STMicroelectronics M41T256YMT7E Datasheet HTML 18Page - STMicroelectronics M41T256YMT7E Datasheet HTML 19Page - STMicroelectronics M41T256YMT7E Datasheet HTML 20Page - STMicroelectronics M41T256YMT7E Datasheet HTML 21Page - STMicroelectronics M41T256YMT7E Datasheet HTML 22Page - STMicroelectronics M41T256YMT7E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
M41T256Y
Clock operation
19/30
3.5
Tamper indication circuit
The M41T256Y provides an independent input pin, the tamper pin (TP) which can be used
to monitor a signal which can result in the setting of the tamper bit (TB) if the tamper enable
bit (TEB) is set to a '1.'
The tamper pin is triggered by being connected to VCC/VBAT through an external switch.
This switch is normally open in the application, allowing the pin to be “floating” (internally
latched to VSS when TEB is set). When this switch is closed (connecting the pin to
VCC/VBAT), the tamper bit will be immediately set. This allows the user to determine if the
device has been physically moved or tampered with. The tamper bit is a “read only” bit and
is reset only by taking the tamper pin to ground and resetting the tamper enable bit to '0.'
This function operates both under normal power, and in battery back-up. If the switch closes
during a power-down condition, the bit will still be set correctly.
Note:
Upon initial battery attach or initial power application without the battery, the state of TEB
(and TB) will be undetermined. Therefore TEB must be initialized to a '0.'
3.6
Tamper event time-stamp
If a tamper occurs, not only will the tamper bit be set, but the event will also automatically be
time-stamped. This is accomplished by freezing the normal update of the clock registers
(7FF7h through 7FFFh) immediately following a tamper event. Thus, when tampering
occurs, the user may first read the time registers to determine exactly when the tamper
event occurred, then re-enable the clock update to the current time (and reset the Tamper
Bit, TB) by resetting the tamper enable bit (TEB).
The time update will then resume, and after either a stop condition or incrementing the
address pointer to a RAM address and back, the clock can be read to determine the current
time.
Note:
The tamper bit (TB) must always be set to '0' in order to read the current time.
3.7
Calibrating the clock
The M41T256Y is driven by a quartz controlled oscillator with a nominal frequency of
32,768Hz. The devices are tested not exceed ±35 ppm (parts per million) oscillator
frequency error at 25oC, which equates to about ±1.53 minutes per month. When the
calibration circuit is properly employed, accuracy improves to better than +1/–2 ppm at
25°C.
The oscillation rate of crystals changes with temperature (see Figure 11 on page 20).
Therefore, the M41T256Y design employs periodic counter correction. The calibration circuit
adds or subtracts counts from the oscillator divider circuit at the divide by 256 stage, as
shown in Figure 12 on page 20. The number of times pulses which are blanked (subtracted,
negative calibration) or split (added, positive calibration) depends upon the value loaded into
the five calibration bits found in the control register. Adding counts speeds the clock up,
subtracting counts slows the clock down.
The calibration bits occupy the five lower order bits (D4-D0) in the control register (7FF8h).
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration occurs
within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute, have one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com