Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC9271 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC9271
Description  10GB/s Multi-Rate Bi-directional FEC Device with Digital Wrapper and Performance Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC9271 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC9271 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC9271 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
741 Calle Plano
Camarillo, CA 93012
Tel: 805.388.3700
Fax: 805.388.7565
www.vitesse.com
Your Partner for Success.
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
VSC9271
©2002 Vitesse Semiconductor Corporation
SPECIFICA TIONS:
+1.8V / +2.5 V Power Supply
3.5W Power Dissipation
10.3Gb/s maximum data rate (client side)
The VSC9271 is a multi-rate bidirectional Forward Error
Correction Device (FEC) with Digital Wrapper and performance
monitoring. The VSC9271 employs a bidirectional architecture
that can be used in both transceiver (adaptation) and regenerator
modes. In both cases performance monitoring at the client signal
level may be performed for STS-192/STM-64, STS-48/STM-16,
STS-12/STM-4, STS-3/STM-1, Gigabit Ethernet (GbE), and Fibre Channel (FC) signals.
The flexible design of the VSC9271 enables the device to be used in a variety of
applications with and without FEC.The VSC9271 conforms to the ITU-T G.975 standard
for transparent FEC. The FEC is supported by the Optical Channel (OCh) which has its
own set of performance monitoring and maintenance features defined by the ITU-T
G.709 standard. These features are independent of the client signal carried, simplifying
the operation of an optical network supporting various client signals. The VSC9271
offers bidirectional adaptation and regeneration capabilities for OCh signals.
An integrated multi-rate bidirectional performance monitor (PM) supports a variety of
client signals. For SONET/SDH, the device monitors and modifies the transport (section
and line) overhead of STS-192/STM-64, STS-48/STM-16, STS-12/STM-4, and STS
3/STM-1 client signals, which allows for support of Operations, Administration,
Management, and Provisioning (OAM&P) functions. In addition to SONET/SDH, the
VSC9271 supports the monitoring of GbE and FC signals, as well as a bypass mode to
support any other data format.
VSC9271 BLOCK DIAGRAM:
GENERAL DESCRIPTION:
10GB/s Multi-Rate Bi-directional FEC Device with Digital Wrapper and Performance Monitor
Receive OCh Overhead
Access Port
Receive Overhead
Access Port
Transmit OCh Overhead
Access Port
Generic
CPU Interface
Transmit Overhead
Access Port
FEC Decoder
(with DW)
West
PM
East
PM
FEC Encoder
(with DW)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com