Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC9271 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC9271
Description  10GB/s Multi-Rate Bi-directional FEC Device with Digital Wrapper and Performance Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC9271 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC9271 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC9271 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
FEA TURES:
G.975 Reed-Solomon Encoding and Decoding RS(255,239) for client signals up to
10.3125Gb/s
Digital Wrapper Support (G.709)
Full programmability of G.709/G.975 Overhead
Insertion/Extraction of OCh and client overhead bytes via dedicated access ports
Bidirectional SONET/SDH Performance Monitoring for STS-192/STM-64,
STS-48/STM-16, STS-12/STM-4, STS-3/STM-1 signals
SONET/SDH Line Termination Capabilities
B1/B2 Error Detection, Re-calculation, and Insertion
SONET/SDH Section & Line AIS Insertion
Bidirectional Gigabit Ethernet and Fibre Channel Performance Monitoring
Integrated Bit Error Rate Monitors
LOF/LOS/SD/SF/REI/RDI Alarm Generation
MARKETS:
Metro Area Networking Products
Long Haul Transmission Products
VSC9271
10GB/s Multi-Rate Bi-directional FEC Device with Digital Wrapper and Performance Monitor
BENEFITS:
Forward Error Correction techniques conform to industry standards
Transparent error detection and correction for any client signal
regardless of protocol or rate up to 10.3125Gb/s
Bi-directional architecture enables independent FEC encode and
decode operation
Extensive Performance Monitoring and Regeneration Capabilities
for SONET/SDH signals, GbE, and Fiber Channel
Regenerator mode allows the device to be used as an FEC link
regenerator (decode, then encode) for repeater applications
APPLICA TIONS:
Line cards
Transponders
Digital Cross Connects
OADM
Regenerators
BI-DIRECTIONAL FUNCTIONALITY :
16
Encoder
16:1
MUX
1:16
DMUX
16
Clock
Clock
Transmission
Channel
Clock
Information Vector
at 9.95Gb/s
16-Bit Bus
at 622MHz
16-Bit Bus
at 669MHz
Encoded Vector
at 10.7Gb/s
Decoder
16
16:1
MUX
1:16
DMUX
16
Clock
Clock
Transmission
Channel
Clock
Received Encoded Vector
(with errors) at 10.7Gb/s
16-Bit Bus
at 669MHz
16-Bit Bus
at 622MHz
Original Information Vector
at 9.95Gb/s
VSC9271
OPTICAL TRANSPORT NETWORKING
PB-VSC9271-001


Similar Part No. - VSC9271

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
VSC9292 VITESSE-VSC9292 Datasheet
249Kb / 2P
340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O
VSC9295 VITESSE-VSC9295 Datasheet
249Kb / 2P
340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O
More results

Similar Description - VSC9271

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
logo
OPLINK Communications I...
TRXBG1EXNBBMH OPLINK-TRXBG1EXNBBMH Datasheet
146Kb / 5P
Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXBG1LXDBBMH OPLINK-TRXBG1LXDBBMH Datasheet
126Kb / 5P
Multi-rate Single Fiber Bi-Directional Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com