Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50PIX120C5SN Datasheet(PDF) 2 Page - StarPower Europe AG

Part # GD50PIX120C5SN
Description  1200V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIX120C5SN Datasheet(HTML) 2 Page - StarPower Europe AG

  GD50PIX120C5SN Datasheet HTML 1Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 2Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 3Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 4Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 5Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 6Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 7Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 8Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
GD50PIX120C5SN
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
2/18/2020
2/13
Preliminary
Absolute Maximum Ratings T
C=25
oC unless otherwise noted
IGBT-inverter
Symbol
Description
Value
Unit
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±20
V
IC
Collector Current @ TC=25
oC
@ TC=100
oC
84
50
A
ICM
Pulsed Collector Current tp=1ms
100
A
PD
Maximum Power Dissipation @ Tj=175
oC
288
W
Diode-inverter
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1200
V
IF
Diode Continuous Forward Current
50
A
IFM
Diode Maximum Forward Current tp=1ms
100
A
Diode-rectifier
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1600
V
IO
Average Output Current 50Hz/60Hz,sine wave
50
A
IFSM
Surge Forward Current tp=10ms @ Tj=25
oC
@ Tj=150
oC
450
370
A
I
2t
I
2t-value,t
p=10ms @ Tj=25
oC
@ Tj=150
oC
1000
685
A
2s
IGBT-brake
Symbol
Description
Value
Unit
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±20
V
IC
Collector Current @ TC=25
oC
@ TC=100
oC
50
25
A
ICM
Pulsed Collector Current tp=1ms
70
A
PD
Maximum Power Dissipation @ Tj=175
oC
202
W
Diode-brake
Symbol
Description
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1200
V
IF
Diode Continuous Forward Current
15
A
IFM
Diode Maximum Forward Current tp=1ms
30
A
Module
Symbol
Description
Value
Unit
Tjmax
Maximum Junction Temperature(inverter,brake)
Maximum Junction Temperature (rectifier)
175
150
oC
Tjop
Operating Junction Temperature
-40 to +150
oC
TSTG
Storage Temperature Range
-40 to +125
oC
VISO
Isolation Voltage RMS,f=50Hz,t=1min
2500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com