Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50PIX120C5SN Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD50PIX120C5SN
Description  1200V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIX120C5SN Datasheet(HTML) 5 Page - StarPower Europe AG

  GD50PIX120C5SN Datasheet HTML 1Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 2Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 3Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 4Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 5Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 6Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 7Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 8Page - StarPower Europe AG GD50PIX120C5SN Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
GD50PIX120C5SN
IGBT Module
©2020 STARPOWER Semiconductor Ltd.
2/18/2020
5/13
Preliminary
IGBT-brake Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=25A,VGE=15V,
Tj=25
oC
1.75
2.10
V
IC=25A,VGE=15V,
Tj=125
oC
2.00
IC=25A,VGE=15V,
Tj=150
oC
2.05
VGE(th)
Gate-Emitter Threshold
Voltage
IC=1.00mA,VCE=VGE,
Tj=25
oC
5.6
6.2
6.8
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
5.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
0
Ω
Cies
Input Capacitance
VCE=25V,f=1MHz,
VGE=0V
2.59
nF
Cres
Reverse Transfer
Capacitance
0.07
nF
QG
Gate Charge
VGE=-15…+15V
0.19
μC
td(on)
Turn-On Delay Time
VCC=600V,IC=25A,
RG=20
Ω,V
GE=±15V,
Tj=25
oC
22
ns
tr
Rise Time
14
ns
td(off)
Turn-Off Delay Time
186
ns
tf
Fall Time
176
ns
Eon
Turn-On Switching
Loss
1.37
mJ
Eoff
Turn-Off Switching
Loss
1.42
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=25A,
RG=20
Ω,V
GE=±15V,
Tj=125
oC
22
ns
tr
Rise Time
17
ns
td(off)
Turn-Off Delay Time
274
ns
tf
Fall Time
205
ns
Eon
Turn-On Switching
Loss
2.06
mJ
Eoff
Turn-Off Switching
Loss
2.10
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=25A,
RG=20
Ω,V
GE=±15V,
Tj=150
oC
22
ns
tr
Rise Time
18
ns
td(off)
Turn-Off Delay Time
294
ns
tf
Fall Time
216
ns
Eon
Turn-On Switching
Loss
2.22
mJ
Eoff
Turn-Off Switching
Loss
2.30
mJ
ISC
SC Data
tP
≤10μs,V
GE=15V,
Tj=150
oC,V
CC=900V,
VCEM
≤1200V
100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com