Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50PIY120C5SNF Datasheet(PDF) 4 Page - StarPower Europe AG

Part # GD50PIY120C5SNF
Description  1200V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIY120C5SNF Datasheet(HTML) 4 Page - StarPower Europe AG

  GD50PIY120C5SNF Datasheet HTML 1Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 2Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 3Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 4Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 5Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 6Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 7Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 8Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GD50PIY120C5SNF
IGBT Module
©2015 STARPOWER Semiconductor Ltd.
12/24/2015
4/13
SN0A
Diode-inverter Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=50A,VGE=0V,Tj=25
oC
1.70
2.15
V
IF=50A,VGE=0V,Tj=125
oC
1.65
IF=50A,VGE=0V,Tj=150
oC
1.65
Qr
Recovered Charge
VR=600V,IF=50A,
-di/dt=1400A/
μs,V
GE=-15V
Tj=25
oC
5.2
μC
IRM
Peak Reverse
Recovery Current
51
A
Erec
Reverse Recovery
Energy
1.62
mJ
Qr
Recovered Charge
VR=600V,IF=50A,
-di/dt=1400A/
μs,V
GE=-15V
Tj=125
oC
8.4
μC
IRM
Peak Reverse
Recovery Current
57
A
Erec
Reverse Recovery
Energy
2.85
mJ
Qr
Recovered Charge
VR=600V,IF=50A,
-di/dt=1400A/
μs,V
GE=-15V
Tj=150
oC
9.5
μC
IRM
Peak Reverse
Recovery Current
60
A
Erec
Reverse Recovery
Energy
3.52
mJ
Diode-rectifier Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=50A,VGE=0V,Tj=150
oC
1.14
V
IR
Reverse Current
Tj=150
oC,V
R=1600V
3.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com