Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD50PIY120C5SNF Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD50PIY120C5SNF
Description  1200V/50A PIM in one-package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD50PIY120C5SNF Datasheet(HTML) 1 Page - StarPower Europe AG

  GD50PIY120C5SNF Datasheet HTML 1Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 2Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 3Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 4Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 5Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 6Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 7Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 8Page - StarPower Europe AG GD50PIY120C5SNF Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
GD50PIY120C5SNF
IGBT Module
©2015 STARPOWER Semiconductor Ltd.
12/24/2015
1/13
SN0A
STARPOWER
SEMICONDUCTOR
IGBT
GD50PIY120C5SNF
1200V/50A PIM in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss as well as short circuit ruggedness.
They are designed for the applications such as
general inverters and UPS.
Features
Low VCE(sat) Trench IGBT technology
10μs short circuit capability
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Low inductance case
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
PressFIT contact technology
Typical Applications
Inverter for motor drive
AC and DC servo drive amplifier
Uninterruptible power supply
Equivalent Circuit Schematic


Similar Part No. - GD50PIY120C5SNF

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD50PIY120C5SN STARPOWER-GD50PIY120C5SN Datasheet
332Kb / 13P
1200V/50A PIM in one-package
7/27/2016
More results

Similar Description - GD50PIY120C5SNF

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
IGBT(1200V/50A/PIM)
logo
List of Unclassifed Man...
6MBI50UA-120 ETC-6MBI50UA-120 Datasheet
119Kb / 5P
1200V / 50A 6 in one-package
logo
Fuji Electric
7MBP50TEA120 FUJI-7MBP50TEA120 Datasheet
352Kb / 9P
Econo IPM series 1200V / 50A 7 in one-package
6MBP50TEA120 FUJI-6MBP50TEA120 Datasheet
307Kb / 8P
Econo IPM series 1200V / 50A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
logo
MacMic
MMG50HD120XB6T4N MACMIC-MMG50HD120XB6T4N Datasheet
1Mb / 9P
1200V 50A PIM Module
MMG50HD120XB6TC MACMIC-MMG50HD120XB6TC Datasheet
458Kb / 9P
1200V 50A PIM Module
MMG50W120XB6TC MACMIC-MMG50W120XB6TC Datasheet
1Mb / 9P
1200V 50A PIM Module
MMG50W120XB6TN MACMIC-MMG50W120XB6TN Datasheet
682Kb / 9P
1200V 50A PIM Module
MMGT50W120XB6C MACMIC-MMGT50W120XB6C Datasheet
675Kb / 9P
1200V 50A PIM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com