Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9050 Datasheet(PDF) 2 Page - PLX Technology

Part # PCI9050
Description  Bus Target Interface Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9050 Datasheet(HTML) 2 Page - PLX Technology

  PCI9050 Datasheet HTML 1Page - PLX Technology PCI9050 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Ordering Information
PCI 9050
PCI Bus Target Interface Chip
PCI 9050RDK
PCI 9050 Software Development Kit
EESK
EEDO
EEDI
EECS
LAD[31:0]
LA[27:2]
LBE[3:0]#
LINTi1
LINTi2
LCLK
LHOLD
LHOLDA
LRESET#
BCLKO
CS[1:0]#
USER0/WAITO#
USER1/LLOCK#
USER2/CS2#
USER3/CS3#
ADS#
BLAST#
LW/R#
RD#
WR#
LRDYi#
BTERM#
ALE
MODE
AD[31:0]
CLK
RST#
INTA#
LOCK#
PCI 9050
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
IDSEL
DEVSEL#
PERR#
SERR#
Serial
EEPROM
I/O Controller
Memory
PCI 9050 PIN OUT
PCI 9050 Block Diagram
VDD
121
LA27
122
ADS#
123
BLAST#
124
WR#
125
RD#
126
LW/R#
127
LRDYi#
128
BTERM#
129
CS0#
130
CS1#
131
LRESET#
132
LHOLDA
133
LHOLD
134
LCLK
135
LINTi2
136
LINTi1
137
USER0/WAITO#
138
USER1/LLOCKo#
139
USER2/CS2#
140
USER3/CS3#
141
EECS
142
EEDO
143
EESK
144
EEDI
145
VDD
146
VSS
147
RST#
148
CLK
149
AD31
150
AD30
151
AD29
152
AD28
153
AD27
154
AD26
155
AD25
156
AD24
157
C/BE3#
158
IDSEL
159
VSS
160
80
VSS
79
LAD10
78
LAD11
77
LAD12
76
LAD13
75
LAD14
74
LAD15
73
LAD16
72
LAD17
71
LAD18
70
LAD19
69
LAD20
68
MODE
67
NC
66
VDD
65
VSS
64
ALE
63
BCLKo
62
LAD21
61
LAD22
60
LAD23
59
LAD24
58
LAD25
57
LAD26
56
LAD27
55
LAD28
54
LAD29
53
LAD30
52
LAD31
51
VSS
50
VDD
49
LBE0#
48
LBE1#
47
LBE2#
46
LBE3#
45
NC
44
INTA#
43
AD0
42
AD1
41
VDD
PCI 9050
© 2000 PLX Technology, Inc. All rights reserved. PLX and PLXMon 99 are trademarks of PLX Technology, Inc. which may be registered in some jurisdictions. All other product names that appear in this material are for
identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes
no responsibility for any errors that may appear in this material. PLX Technology reserves the right, without notice, to make changes in product design or specification.
9050-SIL-PB-PI-2.0
7/00 2K
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com