Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9050 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9050
Description  Bus Target Interface Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9050 Datasheet(HTML) 1 Page - PLX Technology

  PCI9050 Datasheet HTML 1Page - PLX Technology PCI9050 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI 9050
Features
I
PCI Specification 2.1
Compliant Target Interface
Chip supporting low cost
slave adapters
I
Up to five local bus address
spaces and four chip selects
I
Bi-directional FIFO for zero
wait-state burst operation
I
PCI Bus transfers up to
132 Mbytes/second
I
Supports multiplexed and
non-multiplexed 8-, 16-, and
32-bit generic local buses
I
Local bus runs asynchro-
nously to the PCI clock
I
Supports Big/Little Endian
byte conversion
I
Low power CMOS in
160-pin PQFP package
Direct Slave PCI Interface Chip
Speeds the Inevitable
Disappearance of the ISA Bus
Bus Target Interface Chip
Overview
As PCI gains momentum as the preeminent backplane standard, suppliers of
add-in cards of all types are rushing to get PCI versions to market. Continuing
its drive to provide single-chip PCI interfaces for every market, PLX offers
designers its PCI 9050 Bus Target Interface Chip for low cost adapters.
The PCI 9050 provides a compact, high performance PCI bus target (slave)
interface for adapter boards. It enables rapid, low cost conversion of Industry
Standard Architecture (ISA) adapters to the PCI bus. The PCI 9050 accelerates I/O
data movements on adapter boards from ISA’s nominal bus speed of 8 MHz,
5 Mbytes/second to PCI’s 33 MHz, 132 Mbytes/second data transfer capability.
For designers looking for a simple and painless way to convert their ISA
adapters, PLX offers the PCI 9050 RDK! It includes a PCI board designed with the
PCI 9050 chip, I/O daughter card connector for standard or custom functions, a
breadboard area, test headers, and a piggyback ISA slot that enables existing ISA
boards to be plugged into the PCI 9050 for software and hardware implementa-
tion. The PCI 9050RDK also includes a set of development software tools, includ-
ing PLXMon™ for PCI bus monitoring and debug, and example serial/modem
device drivers for Windows 95.™


Similar Part No. - PCI9050

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI9052 PLX-PCI9052 Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052G PLX-PCI9052G Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9052RDK-LITE PLX-PCI9052RDK-LITE Datasheet
280Kb / 2P
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9054-AC50BI PLX-PCI9054-AC50BI Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
More results

Similar Description - PCI9050

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
March 2000
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
March 2000
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
PCI Bus Interface ChIp
CH367 WCH-CH367 Datasheet
201Kb / 12P
PCIE Bus Interface ChIp
CH368 WCH-CH368 Datasheet
209Kb / 13P
PCIE Bus Interface ChIp
CH372 WCH-CH372 Datasheet
222Kb / 13P
USB Bus Interface ChIp
CH374 WCH-CH374 Datasheet
220Kb / 13P
USB Bus Interface ChIp
CH375 WCH-CH375 Datasheet
244Kb / 15P
USB Bus Interface ChIp
CH3723 WCH-CH3723 Datasheet
68Kb / 2P
USB Bus Interface ChIp
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
Bus interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com