Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet (PDF) - Agere Systems

OR3LP26B Datasheet PDF - Agere Systems
Part # OR3LP26B
Download  OR3LP26B Download
File Size   5590.02 Kbytes
Page   184 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface

OR3LP26B Datasheet (PDF)

Go To PDF Page Download Datasheet
OR3LP26B Datasheet PDF - Agere Systems

Part # OR3LP26B
Download  OR3LP26B Click to download

File Size   5590.02 Kbytes
Page   184 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface

OR3LP26B Datasheet (HTML) - Agere Systems


OR3LP26B Product details

Introduction
Lucent Technologies Microelectronics Group has developed a solution for designers who need the many advantages of an FPGA-based design implementation, coupled with the high bandwidth of an industry-standard PCI interface. The ORCA OR3LP26B (a member of the Series 3+ FPSC family) provides a full-featured 33/50/66 MHz, 32-/64-bit PCI interface, fully designed and tested, in hardware, plus FPGA logic for user-programmable functions.

PCI Bus Core Highlights
■ Implemented in an ORCA Series 3 OR3L125B base array, displacing the bottom ten rows of 28 columns.
■ Core is a well-tested ASIC model.
■ Fully compliant to Revision 2.2 of PCI Local Bus specification.
■ Operates at PCI bus speeds up to 66 MHz on a 32-/64-bit wide bus.
■ Comprises two independent controllers for Master and Target.
■ Meets/exceeds all requirements for PICMG* Hot Swap friendly silicon, full Hot Swap model, per the CompactPCI* Hot Swap specification, PICMG 2.1 R1.0.
■ PCI SIG Hot Plug (R1.0) compliant.
■ Four internal FIFOs individually buffer both directions of both the Master and Target interfaces:
    — Both Master FIFOs are 64 bits wide by 32 bits deep.
    — Both Target FIFOs are 64 bits wide by 16 bits deep.
■ Capable of no-wait-state, full-burst PCI transfers in either direction, on either the Master or Target interface. The dual 64-bit data paths extend into the FPGA logic, permitting full-bandwidth, simultaneous bidirectional data transfers of up to 528 Mbytes/s to be sustained indefinitely.
■ Can be configured to provide either two 64-bit buses (one in each direction) to be multiplexed between Master and Target, or four independent 32-bit buses.
■ Provides many hardware options in the PCI core that are set during FPGA logic configuration.
■ Operates within the requirements of the PCI 5 V and 3.3 V signaling environments and 3.3 V commercial environmental conditions, allowing the same device to be used in 5 V or 3.3 V PCI systems.
■ FPGA is reconfigurable via the PCI interfaces configuration space (as well as conventionally), allowing the FPGA to be field-updated to meet latebreaking requirements of emerging protocols
■ Master:
    — Generates all defined command codes except interrupt acknowledge and special cycle.
    — Capable of accessing its own local Target.
    — Capable of acting as the systems configuration agent by booting up with the Master logic enabled.
    — Supports multiple options for Master bus requests, to increase PCI bus bandwidth.
    — Supports single-cycle I/O space accesses.
    — Provides option to delay PCI access until FIFO is full on Master writes to increase PCI bandwidth.
    — Supports programmable latency timer control.
■ Target:
    — Responds legally to all command codes: interrupt acknowledge, special cycle, and reserved commands ignored; memory read multiple and line handled as memory read; memory write and invalidate handled as memory write.
    — Implements Target abort, disconnect, retry, and wait cycles.
    — Handles delayed transactions.
    — Handles fast back-to-back transactions.
    — Method of handling retries is programmable at FPGA configuration to allow tailoring to different Target data access latencies.
    — Decodes at medium speed.
    — Provides option to delay PCI access until FIFO is full on Target reads to increase PCI bandwidth.
(Continue ...)




Similar Part No. - OR3LP26B

ManufacturerPart #DatasheetDescription
logo
Trumeter Technologies
OR3-4916A TRUMETER-OR3-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR3-4916B TRUMETER-OR3-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR3-4916C TRUMETER-OR3-4916C Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR3-4916D TRUMETER-OR3-4916D Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
OR3-4916E TRUMETER-OR3-4916E Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results


Similar Description - OR3LP26B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
Programmable communications interface PCI
1994 Apr 27
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
programmable system interface
logo
Agere Systems
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
March 2000
ORT4622 AGERE-ORT4622 Datasheet
1Mb / 90P
Field-Programmable System Chip (FPSC) Four-Channel x 622 Mbits/s Backplane Transceiver
March 2000
ORT8850 AGERE-ORT8850 Datasheet
2Mb / 112P
Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
August 2001
logo
List of Unclassifed Man...
PCI9080 ETC-PCI9080 Datasheet
1Mb / 192P
12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
logo
National Semiconductor ...
PC87415 NSC-PC87415 Datasheet
374Kb / 42P
PCI-IDE DMA Master Mode Interface Controller
logo
Applied Micro Circuits ...
S5935 AMCC-S5935 Datasheet
705Kb / 190P
PCI 5V Bus Master/Target Device 32-bit
logo
PLX Technology
PCI9050 PLX-PCI9050 Datasheet
208Kb / 2P
Bus Target Interface Chip
logo
Lattice Semiconductor
ORT8850 LATTICE-ORT8850 Datasheet
1Mb / 105P
Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com