Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 7 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 7 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 3Page - Agere Systems OR3LP26B Datasheet HTML 4Page - Agere Systems OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems OR3LP26B Datasheet HTML 10Page - Agere Systems OR3LP26B Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
Lucent Technologies Inc.
7
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Description
What Is an FPSC?
FPSCs, or field-programmable system chips, are
devices that combine field-programmable logic with
ASIC or mask-programmed logic on a single device.
FPSCs provide the time to market and flexibility of
FPGAs, the design effort savings of using soft intellec-
tual property (IP) cores, and the speed, design density,
and economy of ASICs.
FPSC Overview
Lucent’s Series 3+ FPSCs are created from Series 3
ORCA FPGAs. To create a Series 3+ FPSC, several
rows of programmable logic cells (see FPGA Logic
Overview section for FPGA logic details) are removed
from a Series 3
ORCA FPGA, and the area is replaced
with an embedded logic core. Other than replacing
some FPGA gates with ASIC gates, at greater than
10:1 efficiency, none of the FPGA functionality is
changed—all of the Series 3 FPGA capability is
retained: MPI, PCMs, boundary scan, etc. The rows of
programmable logic are replaced at the bottom of the
device, allowing pins on the bottom and sides of the
replaced rows to be used as I/O pins for the embedded
core. The remainder of the device pins retain their
FPGA functionality as do special function FPGA pins
within the embedded core area.
The embedded cores can take many forms and gener-
ally come from Lucent Technologies ASIC libraries.
Future offerings will allow customers to supply their
own core functions for the creation of custom FPSCs.
FPSC Gate Counting
The total gate count for an FPSC is the sum of its
embedded core (standard-cell/ASIC gates) and its
FPGA gates. Because FPGA gates are generally
expressed as a usable range with a nominal value, the
total FPSC gate count is sometimes expressed in the
same manner. Standard-cell/ASIC gates are, however,
10 to 25 times more silicon area efficient than FPGA
gates. Therefore, an FPSC with an embedded function
is gate equivalent to an FPGA with a much larger gate
count.
FPGA/Embedded Core Interface
The interface between the FPGA logic and the embed-
ded core is designed to look like FPGA I/Os from the
FPGA side, simplifying interface signal routing and pro-
viding a unified approach with general FPGA design.
Effectively, the FPGA is designed as if signals were
going off of the device to the embedded core, but the
on-chip interface is much faster than going off-chip and
requires less power. All of the delays for the interface
are precharacterized and accounted for in the
ORCA
Foundry Development System.
Clock spines also can pass across the FPGA/embed-
ded core boundary. This allows for fast, low-skew clock-
ing between the FPGA and the embedded core. Many
of the special signals from the FPGA, such as DONE
and global set/reset, are also available to the embed-
ded core, making it possible to fully integrate the
embedded core with the FPGA as a system.
For even greater system flexibility, FPGA configuration
RAMs are available for use by the embedded core. This
allows for user-programmable options in the embedded
core, in turn allowing for greater flexibility. Multiple
embedded core configurations may be designed into a
single device with user-programmable control over
which configurations are implemented, as well as the
capability to change core functionality simply by recon-
figuring the device.
ORCA Foundry Development System
The
ORCA Foundry Development System is used to
process a design from a netlist to a configured FPSC.
This system is used to map a design onto the
ORCA
architecture and then place and route it using
ORCA
Foundry’s timing-driven tools. The development system
also includes interfaces to, and libraries for, other popu-
lar CAE tools for design entry, synthesis, simulation,
and timing analysis.
The
ORCA Foundry Development System interfaces to
front-end design entry tools and provides the tools to
produce a configured FPSC. In the design flow, the
user defines the functionality of the FPGA portion of
the FPSC and embedded core settings at two points in
the design flow: at design entry and at the bit stream
generation stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com