Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 83 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 83 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 79Page - Agere Systems OR3LP26B Datasheet HTML 80Page - Agere Systems OR3LP26B Datasheet HTML 81Page - Agere Systems OR3LP26B Datasheet HTML 82Page - Agere Systems OR3LP26B Datasheet HTML 83Page - Agere Systems OR3LP26B Datasheet HTML 84Page - Agere Systems OR3LP26B Datasheet HTML 85Page - Agere Systems OR3LP26B Datasheet HTML 86Page - Agere Systems OR3LP26B Datasheet HTML 87Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 184 page
background image
Lucent Technologies Inc.
83
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Embedded Core Bit Stream Configurable Options
Table 27 lists all optional functionality in the PCI core that can be defined via bits in the FPGA configuration RAM.
The table also lists the settings available for each feature. Each of these options is configured using the FPSC
Design Kit software.
Table 27. PCI Core Options Settable via FPGA Configuration RAM Bits
Address in
Configuration Space
Optional Settings
Revision ID
08
Any 8-bit value.
Class Code
09—0B
Any 24-bit value.
Bus Master Support
Command register bit 2
Four options.
s
Initially disabled, read-only.
s
Initially disabled, read/write.
s
Initially enabled, read-only.
Report: Data Parity Error Detected
Status register bit 8
Include or exclude in decode for pci_mcfg_stat.
Report: Target Abort Signaled
Status register bit 11
Include or exclude in decode for pci_tcfg_stat.
Report: Target Abort Received
Status register bit 12
Include or exclude in decode for pci_mcfg_stat.
Report: Master Abort Received
Status register bit 13
Include or exclude in decode for pci_mcfg_stat.
Report: System Error Signaled
Status register bit 14
Include or exclude in decode for pci_tcfg_stat.
Report: Parity Error Detected
(nonmaskable)
Status register bit 15
Include or exclude in decode for pci_tcfg_stat.
Latency Timer Initial Value
OD
Any 8-bit value divisible by 8.
Base Address Register (BAR) Area 1
10—17
s
One or two 32-bit BARs or one 64-bit BAR, or none
(i.e., unprogrammed).
s
If 64-bit BAR, must be memory; page size can be from
24 to 264 bytes.
s
32-bit BARs can be memory or I/O.
s
If 32-bit I/O BAR, page size can be from 22 to 232 bytes.
s
If 32-bit memory BAR, address space can be 220 or 232
bytes, page size can be 24 to the maximum (220 or 232)
bytes.
s
If memory, can be prefetchable or nonprefetchable.
Base Address Register (BAR) Area 2
18—1F
Same as for BAR area 1.
Base Address Register (BAR) Area 3
20—27
Same as for BAR area 1.
Subsystem Vendor ID
2C—2D
Any 16-bit value.
Subsystem ID
2E—2F
Any 16-bit value.
Minimum Grant (Min_Gnt)
3E
Any 8-bit value.
Maximum Latency (Max_Lat)
3F
Any 8-bit value.
Port Mode
—
Dual port or quad port.
I/O Mode
—
Fast or slew-limited PCI output buffers.
Master FIFO Interface Clock
—
fclk1 or fclk2.
Target FIFO Interface Clock
—
fclk1 or fclk2.
Target Address Comparator
—
Enabled or disabled; when enabled, PCI core will not
transfer most significant byte(s) of Target address if they
match previous Target operation's address and require
additional bus cycle(s).
Target Maximum Intial Latency
—
Normal (16) or extended (32); note that only normal
latency complies with PCI Specification. Extended latency
may be specified in proprietary systems where bandwidth
requirements override fairness considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com