Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 5 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 5 Page - Agere Systems

  OR3LP26B Datasheet HTML 1Page - Agere Systems OR3LP26B Datasheet HTML 2Page - Agere Systems OR3LP26B Datasheet HTML 3Page - Agere Systems OR3LP26B Datasheet HTML 4Page - Agere Systems OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 184 page
background image
Lucent Technologies Inc.
5
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Highlights (continued)
s
Master:
— Generates all defined command codes except
interrupt acknowledge and special cycle.
— Capable of accessing its own local Target.
— Capable of acting as the system's configuration
agent by booting up with the Master logic
enabled.
— Supports multiple options for Master bus requests,
to increase PCI bus bandwidth.
— Supports single-cycle I/O space accesses.
— Provides option to delay PCI access until FIFO is
full on Master writes to increase PCI bandwidth.
— Supports programmable latency timer control.
s
Target:
— Responds legally to all command codes: interrupt
acknowledge, special cycle, and reserved com-
mands ignored; memory read multiple and line
handled as memory read; memory write and
invalidate handled as memory write.
— Implements Target abort, disconnect, retry, and
wait cycles.
— Handles delayed transactions.
— Handles fast back-to-back transactions.
— Method of handling retries is programmable at
FPGA configuration to allow tailoring to different
Target data access latencies.
— Decodes at medium speed.
— Provides option to delay PCI access until FIFO is
full on Target reads to increase PCI bandwidth.
s
Supports dual-address cycles (both as Master and
Target).
s
Supports all six base address registers (BARs), as
either memory (32-bit or 64-bit) or I/O. Any legal
page size can be independently specified for each
BAR during FPGA configuration.
s
Independent Master and Target clocks can be sup-
plied to the PCI FIFO interface from the FPGA-based
logic.
s
Provides versatile clocking capabilities with FPGA
clocks sourced from PCI bus clock or elsewhere.
FIFO interface buffers asynchronous clock domains
between the PCI interface and FPGA-based logic.
s
PCI interface timing: meets or exceeds 33 MHz,
50 MHz, and 66 MHz PCI requirements.
s
Configuration options:
— Class code, revision ID.
— Latency timer.
— Cache line size.
— Subsystem ID.
— Subsystem vendor ID.
— Maximum latency, minimum grant.
— Interrupt line.
— Hot Plug/Hot Swap capability.
s
Generates interrupts on intan as directed by the
FPGA.
s
PCI I/O output drivers can be programmed for fast or
slew-limited operation.
s
Automatically detects 5 V or 3.3 V PCI bus signaling
environment and provides appropriate I/O signaling,
under 3.3 V commercial conditions.
s
Ideally suited for such applications as:
— PCI-based graphics/video/multimedia.
— Bridges to ISA/EISA/MCA, LAN, SCSI, Ethernet,
ATM, or other bus architectures.
— High-bandwidth data transfer in proprietary sys-
tems.
FPSC Highlights
s
Implemented as an embedded core into the
advanced Series 3+
ORCA FPSC architecture.
s
Allows the user to integrate the core with up to 120K
gates of programmable logic, all in one device, and
provides up to 259 user I/O pins in addition to the
PCI interface pins.
s
FPGA portion retains all of the features of the
ORCA
3 FPGA architecture:
— High-performance, cost-effective, 0.25 µm
5-level metal technology.
— Twin-quad programmable function unit (PFU)
architecture with eight 16-bit look-up tables
(LUTs) per PFU, organized in two nibbles for use
in nibble- or byte-wide functions. Allows for mixed
arithmetic and logic functions in a single PFU.
Parameter
33 MHz
50 MHz
66 MHz
Device Clock = > Out
11.0 ns
7.5 ns
6.0 ns
Device Setup Time
7.0 ns
4.5 ns
3.0 ns
Board Prop. Delay
10.0 ns
6.5 ns
5.0 ns
Board Clock Skew
2.0 ns
1.5 ns
1.0 ns
Total Budget
30.0 ns
20.0 ns
15.0 ns
Load Capacitance
50 pF
50 pF
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com