Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 42 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 42 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 38Page - Agere Systems OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems OR3LP26B Datasheet HTML 41Page - Agere Systems OR3LP26B Datasheet HTML 42Page - Agere Systems OR3LP26B Datasheet HTML 43Page - Agere Systems OR3LP26B Datasheet HTML 44Page - Agere Systems OR3LP26B Datasheet HTML 45Page - Agere Systems OR3LP26B Datasheet HTML 46Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 184 page
background image
42
42
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Master (FPGA Initiated) Read
Operation Setup
In order to initiate a PCI Master read operation, the
FPGA application must supply the required information
in the specific order prescribed in Table 19 through
Table 20. The command word, burst length, and
address must be accompanied by assertion of the
enable maenn. The definition of the Master command
word was previously described in Table 10. The FPGA
application can use the value returned on bus mstate-
cntr, the Master state counter’s present value, to deter-
mine the counter’s next state, using the state diagram
for the particular operation being executed. The
counter’s next state must be determined because the
FPGA application must supply the data to the PCI core
that corresponds to the counter value being sent from
the core to the FPGA.
Data Transfer
The FPGA application begins receiving the read data
by deasserting maenn and asserting mrdataenn. On
every cycle that mrdataenn is asserted, the PCI core
clocks data from the Master read FIFO (64 deep by
36 bits wide in 32-bit PCI mode; 32 deep by 72 bits
wide in 64-bit PCI mode) to the FPGA application via
bus datatofpga.
FIFO Empty/Almost Empty
When the Master read FIFO contains four or fewer data
elements, the PCI core asserts mr_aemptyn, the
almost empty indicator. This allows some latency to
exist in the FPGA’s response without risking overread-
ing the FIFO. When all locations in the Master write
FIFO are empty, the PCI core asserts mr_empty, the
FIFO empty indicator. Since data can be simulta-
neously written to and read from the Master read FIFO,
both mr_aemptyn and mr_emptyn can change states
in either direction multiple times in the course of a burst
data transfer.
FIFO Full
In addition to the empty and almost empty signals that
report when the Master read FIFO is currently unable
to supply data to the FPGA application, the PCI core
also provides the FIFO's full signal. During a master
read burst transaction, the master read FIFO may go
full, especially if the user side application is slow at
unloading the FIFO. When this condition occurs, the
master will insert wait-states continuously until another
word is read from the FIFO, or the word count is
exhausted. On the target side, if the target is ready to
send more data, it will have trdyn asserted which will
disable it from terminating the transaction as well. This
can create a deadlock condition on the PCI bus. If the
user application cannot unload any more data, and
wishes to terminate the burst, additional FPGA logic
must be incorporated to detect and accomplish the ter-
mination. Two operations must occur to terminate the
current transaction. First, the fpga_mstopburstn sig-
nal must be asserted indicating to the core the master
request to terminate. Second, one additional word of
data must be read from the FIFO (only if the FIFO is
full). The signal fpga_mstopburstn needs to stay
asserted low until the ma_fulln flag is asserted low
indicating that the transaction has been terminated and
cleared.
Designing a Deadlock Timer
This design example is a method by which the user
application can detect this condition and terminate the
burst transaction. Since the mr_fulln and
fpga_mstopburstn signals are on the pciclk clock
domain, the deadlock counter will run on the pciclk
clock. The mr_fulln signal is fed as a clock enable and
a synchronous clear to a counter, driven by pciclk. The
counter's length may be designed to guarantee a cer-
tain time-out latency on the PCI bus. When the FIFO is
not full (mr_fulln = 1), the counter will stay cleared.
When the FIFO has been full for an extended period of
time, the counter will count and eventually overflow.
This overflow indication can be used to set the
fpga_mstopburstn signal indicating a request to stop
the burst. The overflow signal is then detected and syn-
chronized onto the fclk domain to be used to read one
additional word from the FIFO. The transaction will
complete, and the core will go back into an idle state.
Bursting
The PCI core uses the burst count supplied during
operation setup to determine the Master read opera-
tion’s burst length (unlike the Master write, which uses
signal mwlastcycn). The burst length of 18 bits allows
bursts of up to 218–1 quad words to be specified. To ini-
tiate a burst, the starting address must be aligned to a
64-byte boundary, and all of the byte enables must be
enabled. If ad[2] is a 1, a single transfer will executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com