Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 56 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 56 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 52Page - Agere Systems OR3LP26B Datasheet HTML 53Page - Agere Systems OR3LP26B Datasheet HTML 54Page - Agere Systems OR3LP26B Datasheet HTML 55Page - Agere Systems OR3LP26B Datasheet HTML 56Page - Agere Systems OR3LP26B Datasheet HTML 57Page - Agere Systems OR3LP26B Datasheet HTML 58Page - Agere Systems OR3LP26B Datasheet HTML 59Page - Agere Systems OR3LP26B Datasheet HTML 60Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
56
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Write Memory Burst Transaction
Figure 14 (PCI bus) and Figure 15 (FPGA bus) show the timing for a Target memory write burst of four Quadwords.
The timing on the PCI interface (Figure 14) is typical for a medium-speed decode Target. Note that trdyn is
asserted at the earliest possible time, which is concurrent with assertion of devseln. In the example of a four Quad-
word burst, the FIFO is not filled, so execution continues to completion. This would also be the case for a burst of
any length when the FPGA application is capable of unloading the FIFO as fast as the PCI interface is loading it. If
the Target write FIFO becomes full, the PCI core Target will disconnect without data on the first data word it cannot
accept.
The timing on the FPGA interface (Figure 15) shows that the first indication to the FPGA application that a new
operation has begun is the assertion of target request (treqn), together with the new command on bus
tcmd. The FPGA application responds by asserting target address enable (taenn) and accepting the address on
bus datatofpga. This is followed by deassertion of taenn, assertion of Target write data enable (twdataenn), and
the receiving of the data on bus datatofpga. The FPGA application is informed that the last 64-bit data is being
presented when Target write burst (twlastcycn) is asserted.
5-8855(F).a
Figure 14. Target Memory Write 32-Byte Burst (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
T7
T8
X
ADDRESS
D0
D1
D2
D3
X
CMD
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com