Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 43 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 43 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems OR3LP26B Datasheet HTML 41Page - Agere Systems OR3LP26B Datasheet HTML 42Page - Agere Systems OR3LP26B Datasheet HTML 43Page - Agere Systems OR3LP26B Datasheet HTML 44Page - Agere Systems OR3LP26B Datasheet HTML 45Page - Agere Systems OR3LP26B Datasheet HTML 46Page - Agere Systems OR3LP26B Datasheet HTML 47Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 184 page
background image
Lucent Technologies Inc.
43
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Master Read Byte Enables
During master reads, byte enables are always supplied
by the Master to the Target, even though on reads the
data is flowing in the opposite direction. Thus, the byte
enables cannot be buffered in a FIFO alongside the
corresponding data. Also, the byte enables must be
presented on the bus by the Master at the same time
that the data is being presented on the bus by the Tar-
get (unless the Target uses trdyn to insert wait-states),
and so the data provided by the Target cannot depend
on the byte enables (once again, without wait-states).
Termination
Once initiated, Master read operations will repeat on
the PCI bus until either one of the following occurs:
1. All data is received.
2. An abort occurs (either Master or Target).
3. The fpga_mstopburstn signal is asserted.
4. The PCI bus’ reset signal (rstn) is asserted.
If a PCI transaction is terminated with a retry or discon-
nect before all data has been received, the PCI core
will initiate another Master read operation, continuing
from that point.
Reset
The FPGA application can apply the PCI core’s reset
signal mfifoclrn to place the core’s master logic in a
known state. Normally, the clear signal will not be used
unless a severe problem has occurred in the data flow.
The mfifoclrn signal is synchronous with fclk and must
be asserted for a minimum of three clock periods. Dur-
ing reset, the m_ready signal will go low. After the
reset signal is deasserted high, m_ready will continue
to be low for 8—10 clock periods. The FPGA applica-
tion should not continue normal operation until
m_ready is asserted high.
Understanding and Using the pci_mcfg_stat Status
Signals
On the Master interface, there are two signals that con-
trol and provide status to the FPGA application. The
signal pci_mcfg_stat provides the status, and mcfg-
shiftenn controls what information the status line pro-
vides. The pci_mcfg_stat signal is always active and
duplicates the status contained in configuration status
register at location offset 0x04, bits 24, 28, and 29. To
use this status output, the FPGA application must keep
mcfgshiftenn = 1. When high, pci_mcfg_stat pro-
vides the wired-OR of the three status lines. If
pci_mcfg_stat gets set to a 1, indicating an error, then
the FPGA application may set mcfgshiftenn = 0 to
determine individual status. Once low, the
pci_mcfg_stat signal will output data parity error
detected on the first clock, target abort received on the
second clock, and master abort received on the third
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com