Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 80 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 80 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 76Page - Agere Systems OR3LP26B Datasheet HTML 77Page - Agere Systems OR3LP26B Datasheet HTML 78Page - Agere Systems OR3LP26B Datasheet HTML 79Page - Agere Systems OR3LP26B Datasheet HTML 80Page - Agere Systems OR3LP26B Datasheet HTML 81Page - Agere Systems OR3LP26B Datasheet HTML 82Page - Agere Systems OR3LP26B Datasheet HTML 83Page - Agere Systems OR3LP26B Datasheet HTML 84Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
80
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 25. Bit Definitions on FPGA/PCI Core Interface (continued)
* Command Codes (codes correspond to PCI bus command codes):
0000 Not Used (interrupt acknowledge not implemented)
0001 Not Used (special cycle not implemented)
0010 I/O Read
0011 I/O Write
0100 Reserved (per PCI specification)
0101 Reserved (per PCI specification)
0110 Memory Read
0111 Memory Write
1000 Reserved (per PCI specification)
1001 Reserved (per PCI specification)
1010 Configuration Read
1011 Configuration Write
1100 Memory Read Multiple
1101 Not Used (dual address operation is indicated via separate signal)
1110 Memory Read Line
1111 Memory Write and Invalidate
Bits
Name
Description
mwdata[15:0]
A0
Address word 0
mcmd[3:0]
mcmd
Master command opcode*
F. Quad-Port Master Read (Burst Length Cycle)
mstatecntr = 0
mwdata[35]
HR
Holding address register selector:
0 = select HR0
1 = select HR1
mwdata[34]
DA
Dual address indicator (active-high)
mwdata[33]
SPL = 0
Burst length source
0 = use new burst length
1 = use burst length of previous operation
mwdata[32]
—
Unused
mwdata[31:24]
MRd_BenN
Byte enables (active-low)
mwdata[23:18]
—
Unused
mwdata[17:0]
BL
Burst length (In Quadwords)
mcmd[3:0]
mcmd
Master command opcode*
G. Quad-Port Master Read (Lower Address Cycle)
mstatecntr = 1
mwdata[35:32]
—
Unused
mwdata[31:0]
A1 & A0
Address words 1 and 0
mcmd[3:0]
—
Unused
H. Quad-Port Master Read (Upper Address Cycle)
mstatecntr = 2
mwdata[35:32]
—
Unused
mwdata[31:0]
A3 & A2
Address words 3 and 2
mcmd[3:0]
—
Unused
I. Quad-Port Master Read, Lower Data DWORD
mstatecntr = 4
mrdata[35:32]
—
Unused
mrdata[31:0]
D3—D0
Data bytes 3 to 0
J. Quad-Port Master Read, Upper Data DWORD
mstatecntr = 5
mrdata[35:32]
—
Unused
mrdata[31:0]
D7—D4
Data bytes 7 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com