Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 9 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 9 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems OR3LP26B Datasheet HTML 10Page - Agere Systems OR3LP26B Datasheet HTML 11Page - Agere Systems OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 184 page
background image
Lucent Technologies Inc.
9
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Description (continued)
PIC Logic
The Series 3 PIC addresses the demand for ever-
increasing system clock speeds. Each PIC contains
four programmable inputs/outputs (PIOs) and routing
resources. On the input side, each PIO contains a fast-
capture latch that is clocked by an ExpressCLK. This
latch is followed by a latch/FF that is clocked by a sys-
tem clock from the internal general clock routing. The
combination provides for very low setup requirements
and zero hold times for signals coming on-chip. It may
also be used to demultiplex an input signal, such as a
multiplexed address/data signal, and register the sig-
nals without explicitly building a demultiplexer. Two
input signals are available to the PLC array from each
PIO, and the
ORCA Series 2 capability to use any input
pin as a clock or other global input is maintained.
On the output side of each PIO, two outputs from the
PLC array can be routed to each output flip-flop, and
logic can be associated with each I/O pad. The output
logic associated with each pad allows for multiplexing
of output signals and other functions of two output sig-
nals.
The output FF, in combination with output signal multi-
plexing, is particularly useful for registering address
signals to be multiplexed with data, allowing a full clock
cycle for the data to propagate to the output. The I/O
buffer associated with each pad is the same as the
ORCA Series 3 buffer.
System Features
The Series 3 also provides system-level functionality by
means of its dual-use microprocessor interface (MPI)
and its innovative programmable clock manager
(PCM). These functional blocks allow for easy glueless
system interfacing and the capability to adjust to vary-
ing conditions in today’s high-speed systems. Since
these and all other Series 3 features are available in
every Series 3+ FPSC, they can also interface to the
embedded core providing for easier system integration.
Routing
The abundant routing resources of
ORCA Series 3
FPGA logic are organized to route signals individually
or as buses with related control signals. Clocks are
routed on a low-skew, high-speed distribution network
and may be sourced from PLC logic, externally from
any I/O pad, or from the very fast ExpressCLK pins.
ExpressCLKs may be glitchlessly and independently
enabled and disabled with a programmable control sig-
nal using the new StopCLK feature. The improved PIC
routing resources are now similar to the patented intra-
PLC routing resources and provide great flexibility in
moving signals to and from the PIOs. This flexibility
translates into an improved capability to route designs
at the required speeds when the I/O signals have been
locked to specific pins.
Configuration
The FPGA logic’s functionality is determined by internal
configuration RAM. The FPGA logic’s internal initializa-
tion/configuration circuitry loads the configuration data
at powerup or under system control. The RAM is
loaded by using one of several configuration modes,
including serial EEPROM, the microprocessor inter-
face, or the embedded function core.
Boundary Scan
Boundary scan is implemented in the OR3LP26B
device as with any of the OR3LXXB family of parts. The
PCI core side of the device contains the same bound-
ary-scan registers. After performing a boundary-scan
test, it is highly recommended that the device be reset
through the PCI rstn pin. This reset will clear out any
PCI core internal registers that may have been set dur-
ing the boundary-scan tests.
More Series 3 Information
For more information on Series 3 FPGAs, please refer
to the Series 3 FPGA data sheet, available on the
ORCA worldwide website or by contacting Lucent
Technologies as directed on the back of this data
sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com