Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 63 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 63 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 59Page - Agere Systems OR3LP26B Datasheet HTML 60Page - Agere Systems OR3LP26B Datasheet HTML 61Page - Agere Systems OR3LP26B Datasheet HTML 62Page - Agere Systems OR3LP26B Datasheet HTML 63Page - Agere Systems OR3LP26B Datasheet HTML 64Page - Agere Systems OR3LP26B Datasheet HTML 65Page - Agere Systems OR3LP26B Datasheet HTML 66Page - Agere Systems OR3LP26B Datasheet HTML 67Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
Lucent Technologies Inc.
63
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Read I/O, No Delayed Transaction
Figure 18 (PCI bus) and Figure 20 (FPGA bus) show the timing for a Target I/O read that is handled as an immedi-
ate execution; that is, the operation completes on the PCI bus immediately and then is presented to the FPGA via
the FPGA interface. The FPGA application indicates its desire to do this by deasserting signal deltrn. The PCI core
Target terminates the I/O read request by disconnecting with data on the first data word, thus disallowing bursting.
The PCI interface timing shown in Figure 18 is identical to the timing of the third (final) transaction of Target I/O
read, delayed transaction (Figure 17), which shows a Target I/O read with delayed transaction. Also, the FPGA
interface timing is as shown in Figure 20, regardless of whether delayed transactions are enabled.
5-8857(F).a
Figure 18. Target I/O Read, Not Delayed (PCI Bus, 64-Bit)
T0
T1
T2
T3
Tn0
Tn1
Tn2
Tn3
X
ADDRESS
X
X
DATA
X
X
CMD
BYTE ENABLES
BYTE ENABLES
X
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com