Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 95 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 95 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 91Page - Agere Systems OR3LP26B Datasheet HTML 92Page - Agere Systems OR3LP26B Datasheet HTML 93Page - Agere Systems OR3LP26B Datasheet HTML 94Page - Agere Systems OR3LP26B Datasheet HTML 95Page - Agere Systems OR3LP26B Datasheet HTML 96Page - Agere Systems OR3LP26B Datasheet HTML 97Page - Agere Systems OR3LP26B Datasheet HTML 98Page - Agere Systems OR3LP26B Datasheet HTML 99Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 184 page
background image
Lucent Technologies Inc.
95
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
Quad Port (continued)
Bursting
The PCI core uses the burst count supplied during
operation setup to determine the Master read opera-
tion’s burst length (unlike the Master write, which uses
signal mwlastcycn). The burst length of 18 bits allows
bursts of up to 218 – 1 quad words to be specified. To
initiate a burst, the starting address must be aligned to
a 64-byte boundary. If ad[2] is a 1, a single transfer will
be executed.
Master Read Byte Enables
During master reads, byte enables are always supplied
by the Master to the Target, even though on reads the
data is flowing in the opposite direction. Thus, the byte
enables cannot be buffered in a FIFO alongside the
corresponding data. Also, the byte enables must be
presented on the bus by the Master at the same time
that the data is being presented on the bus by the Tar-
get (unless the Target uses trdyn to insert wait-states),
and so the data provided by the Target cannot depend
on the byte enables (once again, without wait-states).
Termination
Once initiated, Master read operations will repeat on
the PCI bus until the following occurs:
1. All data is received.
2. An abort occurs (either Master or Target).
3. The fpga_mstopburstn signal is asserted.
4. The PCI bus’ reset signal (resetn) is asserted.
If a PCI transaction is terminated with a retry or discon-
nect before all data has been received, the PCI core
will initiate another Master read operation, continuing
from that point.
Reset
The FPGA application can apply the PCI core’s reset
signal mfifoclrn to place the core’s master logic in a
known state. Normally, the clear signal will not be used
unless a severe problem has occurred in the data flow.
The mfifoclrn signal is synchronous with fclk and must
be asserted for a minimum of three clock periods. Dur-
ing reset, the m_ready signal will go low. After the
reset signal is deasserted high, m_ready will continue
to be low for 8—10 clock periods. The FPGA applica-
tion should not continue normal operation until
m_ready is asserted high.
Understanding and Using the pci_mcfg_stat Status
Signals
On the Master interface, there are two signals that con-
trol and provide status to the FPGA application.
pci_mcfg_stat provides the status, and mcfgshiftenn
controls what information the status line provides. The
pci_mcfg_stat signal is always active and duplicates
the status contained in configuration status register at
location offset 0x04, bits 24, 28, and 29. To use this
status output, the FPGA application must keep mcfg-
shiftenn = 1. When high, pci_mcfg_stat provides the
wired-OR of the three status lines. If pci_mcfg_stat
gets set to a 1, indicating an error, then the FPGA
application may set mcfgshiftenn = 0 to determine
individual status. Once low, the pci_mcfg_stat signal
will output data parity error detected on the first clock,
target abort received on the second clock, and master
abort received on the third clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com