Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 6 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 6 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 2Page - Agere Systems OR3LP26B Datasheet HTML 3Page - Agere Systems OR3LP26B Datasheet HTML 4Page - Agere Systems OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems OR3LP26B Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 184 page
background image
6
6
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
FPSC Highlights (continued)
— Softwired LUTs (SWL) allow fast cascading of up
to three levels of LUT logic in a single PFU.
— Supplemental logic and interconnect cell (SLIC)
provides 3-statable buffers, up to 10-bit decoder,
and
PAL*-like AND-OR-INVERT (AOI) in each
programmable logic cell (PLC).
— Up to three ExpressCLK inputs allow extremely
fast clocking of signals on- and off-chip plus
access to internal general clock routing.
— Dual-use microprocessor interface (MPI) can be
used for configuration, readback, device control,
and device status, as well as for a general-pur-
pose interface to the FPGA. Glueless interface to
i960† and PowerPC ‡ processors with user-config-
urable address space provided.
— Programmable clock manager (PCM) adjusts
clock phase and duty cycle for input clock rates
from 5 MHz to 120 MHz. The PCM may be com-
bined with FPGA logic to create complex func-
tions, such as digital phase-locked loops (DPLL),
frequency counters, and frequency synthesizers
or clock doublers. Two PCMs are provided per
device.
— True internal 3-state, bidirectional buses with sim-
ple control provided by the SLIC.
— 32 x 4 RAM per PFU, configurable as single or
dual port. Create large, fast RAM/ROM blocks
(128 x 8 in only eight PFUs) using the SLIC
decoders as bank drivers.
— Built-in boundary scan (
IEEE §1149.1 JTAG) and
TS_ALL testability function to 3-state all I/O pins.
s
High-speed on-chip interface provided between
FPGA logic and embedded core to reduce bottle-
necks typically found when interfacing off-chip.
s
Supported in two packages: 352-pin PBGA and
680-pin PBGAM.
* PAL is a trademark of Advanced Micro Devices, Inc.
† i960 is a registered trademark of Intel Corporation.
‡
PowerPC is a registered trademark of International Business
Machines Corporation.
§ IEEE is a registered trademark of The Institute of Electrical and
Electronics Engineers, Inc.
Note: This document will conform to the nomenclature
of the PCI Local Bus Specification, as follows:
Software Support
s
Supported by
ORCA Foundry software and third-
party CAE tools for implementing
ORCA Series 3+
devices and simulation/timing analysis with embed-
ded PCI bus core.
s
PCI core configuration options and simulation
netlists generated by FPSC Configuration Manager
utility in
ORCA Foundry software.
s
Preference files provided for timing interface between
PCI bus core and FPGA logic.
Term
Meaning
byte
8 bits
word
16 bits
DWORD
32 bits
Quadword
64 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com