Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 17 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 17 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems OR3LP26B Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 184 page
background image
Lucent Technologies Inc.
17
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description
(continued)
Arbitration Parking
The PCI Specification requires that all master agents
properly handle bus parking, which means that when
that agent receives an asserted gntn without the agent
having asserted reqn, the agent still must drive signal
par and buses AD and c_ben. The PCI core meets this
requirement.
Parity
The PCI core implements all required and optional fea-
tures, including the following:
s
Master generates parity on all addresses placed on
the bus.
s
Sending agent generates parity on all data placed on
the bus.
s
Target calculates parity on all addresses received
from the bus.
s
Receiving agent calculates parity on all data
received from the bus.
s
The detected parity error bit in the status register is
set whenever an agent calculates corrupted parity.
s
The signal perrn is generated whenever an agent
calculates corrupted parity and the parity error
response bit is set in the command register.
66 MHz Operation
The PCI core is fully compliant to PCI Specification
requirements at all clock rates up to 66 MHz. All
33 MHz requirements are also met.
Timing Budget
The PCI core’s timing budget is summarized in Table 5.
Note that the 66 MHz timing requirements only allow
5 ns for signal propagation (TPROP), as compared to
10 ns at 33 MHz. The effect of the reduction is to also
reduce the number of agents that the bus can support,
although the actual number is not specified in the PCI
Specification and is dependent on the design of the
hardware components. The four components of the
timing budget are TVAL (valid output delay), TPROP
(propagation time), TSU (input setup time), and TSKEW
(clock skew); of these, only TVAL and TSU are controlled
by the PCI component, and TPROP and TSKEW are sys-
tem parameters. Table 5 includes a third column (also
shown in the PCI Specification). This column indicates
the performance attainable if all 66 MHz requirements
are met except TPROP = 10 ns, which is the 33 MHz
value. In this case, the total budget increases from
15 ns (66 MHz) to 20 ns (50 MHz).
Table 5. Timing Budgets
64-Bit Addressing
The PCI core fully supports 64-bit addressing, whether
or not the PCI core is configured to utilize the 64-bit
data extension. When the PCI core is a 64-bit target
being addressed by 64-bit master, the PCI core will
decode the address one cycle faster so that dual-
address operation will have no performance impact;
see PCI Specification section 3.9 for details.
Section 3.9 of the PCI Specification also states that a
Master that supports 64-bit addressing must neverthe-
less generate requests utilizing a single address
instead of a dual address when the upper 32 bits are all
zeros. This shortens the request time by one cycle
when communicating with 32-bit Targets. It is the FPGA
application’s responsibility to ensure that this require-
ment is met.
FIFO Memories and Control
The OR3LP26B embedded core contains four FIFO
memories and supporting control logic. Two FIFOs are
for the master interface data and two for the target
interface data. These FIFOs are always configured to
operate in 64-bit mode and also carry byte enable bits
on a per-byte basis (e.g., the 64-bit FIFO actually car-
ries 64 bits of data and 8 byte enable bits for a total of
72 bits). During 32-bit transactions, the FPSC will pack
the data to fully utilize the memories. All FIFOs have
four flags: Full, Almost Full (Full-4), Empty, and Almost
Empty (Empty+4). (See Table 6.) The FPGA applica-
tion is provided with the Full/Empty signal and Almost
Full/Empty signal associated with the FPGA side of the
FIFO. In addition, the FPGA application is provided
with the PCI side's Full/Empty signal (but not the
Almost Full/Empty signal), to enable checking for oper-
ation completion. Clocking for the FPGA side of all
FIFOs is flexible, with options for different clocks for the
Master and Target FIFOs, sourced by the FPGA logic,
or by the PCI bus clock.
Timing Element 33 MHz 50 MHz 66 MHz
Unit
Cycle Time
30.0
20.0
15.0
ns
Valid Output
Delay
11.0
7.5
6.0
ns
Propagation
Time
10.0
6.5
5.0
ns
Input Setup Time
7.0
4.5
3.0
ns
Clock Skew
2.0
1.5
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com