Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 18 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 18 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems OR3LP26B Datasheet HTML 21Page - Agere Systems OR3LP26B Datasheet HTML 22Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
18
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Table 6. FIFO Flags Provided to FPGA Application
PCI Bus Pin Information
This section describes signals on the PCI bus interface and at the embedded core/FPGA interface. Some signal
definitions change name and location based on the mode of operation. Modes of operation are described following
the signal descriptions. PCI bus signal package pin locations can be found in Table 70.
Table 7. PCI Bus Pin Descriptions
Write Operation
Read Operation
FPGA Side
PCI Side
FPGA Side
PCI Side
Master Operation
mw_fulln
mw_emptyn
mr_emptyn
mr_fulln
mw_afulln
mr_aemptyn
Target Operation
tw_emptyn
tw_fulln
tr_fulln
tr_emptyn
tw_aemptyn
tr_afulln
Symbol
I/O
Description
System Pins
clk
I
Clock. Provides timing for all transactions on the PCI bus and is an input to the
OR3LP26B device. All PCI signals, except rstn and intan, are sampled on the ris-
ing edge of clk, and all other PCI bus timing parameters are defined with respect to
this edge. The signal clk operates up to 66 MHz, and the minimum frequency is dc.
rstn
I
Reset. An active-low signal used to reset the entire PCI bus. rstn is asynchronous
to clk. During rstn, all PCI output signals are 3-stated.
Address and Data Pins
ad[31:0]
I/O
Address and Data. Multiplexed on the same PCI pins. A PCI bus transaction con-
sists of an address phase followed by one or more data phases.
During data phases, ad[7:0] contain the least significant byte and ad[31:24] con-
tain the most significant byte. During memory commands, the ad[31:2] lines spec-
ify the address and ad[1:0] specify the type of bursting sequence to use. The table
below outlines the bursting sequence based on the values of ad[1:0].
ad[1:0] Bursting sequence.
00
Linear incrementing.
01
Disconnect after first transfer.
10
Disconnect after first transfer.
11
Disconnect after first transfer.
c_ben[3:0]
I/O
Bus Command and Byte Enables. Active-low signals multiplexed on the same
PCI pins. During the address phase of a transaction, c_ben[3:0] define the bus
command. During the data phase, c_ben[3:0] are used as byte enables. The byte
enables are valid for the entire data phase and determine which byte lanes carry
meaningful data.
par
I/O
Parity. Specifies even parity across ad[31:0] and c_ben[3:0]. par is stable and
valid one clock after the address phase. For data phases, par is stable and valid
one clock after irdyn is asserted on a write transaction or trdyn is asserted on a
read transaction. Once par is valid, it remains valid until one clock after the comple-
tion of the current data phase. The Master drives par for address and write data
phases; the Target drives par for read data phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com