Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 36 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 36 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 32Page - Agere Systems OR3LP26B Datasheet HTML 33Page - Agere Systems OR3LP26B Datasheet HTML 34Page - Agere Systems OR3LP26B Datasheet HTML 35Page - Agere Systems OR3LP26B Datasheet HTML 36Page - Agere Systems OR3LP26B Datasheet HTML 37Page - Agere Systems OR3LP26B Datasheet HTML 38Page - Agere Systems OR3LP26B Datasheet HTML 39Page - Agere Systems OR3LP26B Datasheet HTML 40Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 184 page
background image
36
36
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Master (FPGA Initiated) Write
Operation Setup
In order to initiate a PCI Master write operation, the
FPGA application must supply the required information
in the specific order prescribed in Table 18. A master
command word and address must be accompanied by
assertion of the enable maenn. The definition of the
Master command word is shown in Table 10. The
FPGA application can use the value returned on bus
mstatecntr, the Master write counter’s present value,
to determine the counter’s next state, using the state
diagram for the particular operation being executed.
The counter’s next state must be determined because
the FPGA application must supply the data to the PCI
core that corresponds to the counter value being sent
from the core to the FPGA.
Master State Counter
The PCI core provides a state counter,
mstatecntr[2:0], that informs the FPGA of the current
state of the PCI core's Master state counter. This state
counter determines what data is currently being pro-
vided by the PCI core or expected from the FPGA
application. This state counter transitions from one
state to another in a predictable fashion, and thus, it is
not strictly necessary to transmit its value to the FPGA.
Nonetheless, the value on bus mstatecntr can be used
to minimize FPGA logic or verify proper operation.
The data provided by the PCI core to the FPGA appli-
cation on bus datatofpga is accompanied by a value
on bus mstatecntr. This value can be directly used by
the FPGA application to determine the proper use of
that data. This eliminates the need for logic in the
FPGA to duplicate this state counters in this case.
The data required from the FPGA application by the
PCI core on bus datafmfpga is also defined by the
value on bus mstatecntr. However, the state counter
value is being sent to the FPGA in the same cycle that
the data must be sent from the FPGA. Therefore, the
FPGA application must build its own copy of the state
counter value in this case. The value provided by the
PCI core can be used as the previous value, or it can
be used to verify the proper operation of the FPGA
application's logic.
Table 10 lists the values of the state counter mstate-
cntr and the appropriate accompanying data.
Data Transfer
The FPGA application begins supplying the write data
by deasserting maenn and asserting mwdataenn. On
every cycle that mwdataenn is asserted, the PCI core
clocks data and its associated byte enables into the
Master write FIFO (64 deep by 36 bits wide in 32-bit
PCI mode; 32 deep by 72 bits wide in 64-bit PCI mode)
via bus datafmfpga.
FIFO Full/Almost Full
When the Master write FIFO contains four or fewer
empty locations, the PCI core asserts mw_afulln, the
almost full indicator. This allows some latency to exist
in the FPGA’s response without risking overfilling the
FIFO. When all locations in the Master write FIFO are
full, the PCI core asserts mw_fulln, the FIFO full indi-
cator. Since data can be simultaneously written to and
read from the Master write FIFO, both mw_afulln and
mw_fulln can change states in either direction multiple
times in the course of a burst transfer.
FIFO Empty
In addition to the full and almost full signals that report
when the Master write FIFO is currently unable to
receive data from the FPGA application, the PCI core
also provides the FIFO's empty signal. During a master
write burst transaction, the master write FIFO may go
empty, especially if the user side application is slow at
filling the FIFO. When this condition occurs, the master
will insert wait-states continuously until another word
(or the last word) is written into the FIFO and will not
terminate the transaction. On the target side, if the tar-
get is ready to accept more data, it will have trdyn
asserted which will disable it from terminating the
transaction as well. This can create a deadlock condi-
tion on the PCI bus. If the user application cannot sup-
ply any more data, and wishes to terminate the burst,
additional FPGA logic must be incorporated to detect
and accomplish the termination. The way to terminate
the transaction is to provide one last piece of data
(either real data or a dummy data word with all byte
enables disabled) along with mwlastcycn asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com