Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 53 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 53 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 49Page - Agere Systems OR3LP26B Datasheet HTML 50Page - Agere Systems OR3LP26B Datasheet HTML 51Page - Agere Systems OR3LP26B Datasheet HTML 52Page - Agere Systems OR3LP26B Datasheet HTML 53Page - Agere Systems OR3LP26B Datasheet HTML 54Page - Agere Systems OR3LP26B Datasheet HTML 55Page - Agere Systems OR3LP26B Datasheet HTML 56Page - Agere Systems OR3LP26B Datasheet HTML 57Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 184 page
background image
Lucent Technologies Inc.
53
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Write I/O, Delayed Transaction
Figure 11 (PCI bus) and Figure 13 (FPGA bus) show the timing for a Target I/O write operation that is handled as a
delayed transaction; that is, the operation completes on the local (FPGA) bus before completing on the PCI bus.
The FPGA application indicates its desire to do this by asserting signal deltrn. In Figure 11, three transactions are
shown: the first is the initial write that latches the command, address, data, and byte enables in the PCI core. The
core's Target logic then issues a retry, obligating the remote Master to continue to issue that identical request until
data is moved. Meanwhile, the information is relayed to the FPGA interface via the address and data FIFOs, trig-
gering the FPGA interface exchange discussed below and shown in Figure 13. All subsequent read or write
requests to memory, I/O, or configuration space will result in retries, as shown in the second transaction of Figure
11. The third transaction is the final transaction that completes the transfer of data. Although the data was actually
latched and forwarded to the FPGA from the first transaction, it is not until the FPGA acknowledges that it has
received the data, by emptying the Target write FIFO, that the PCI core acknowledges to the remote Master that it
has received the data by performing a disconnect with data. The timing on this third transaction is identical to the
timing of the first except that trdyn accompanies stopn to indicate the disconnect with data.
The timing on the FPGA interface (Figure 13) shows that the first indication to the FPGA application that a new
operation has begun is the assertion of target request (treqn), together with the new command on bus
datatofpga. The FPGA application responds by asserting target address enable (taenn) and accepting the com-
mand and subsequent address on bus datatofpga. This is followed by deassertion of taenn, assertion of Target
write data enable (twdataenn), and the receiving of the data on bus datatofpga. Although only 32 bits of data are
being transferred, the FPGA application must accept 64 bits of data (two clock cycles) because the FIFOs are
operating in 64-bit mode.
5-7372(F).a
Figure 11. Target I/O Write, Delayed (PCI Bus, 64-Bit)
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
Ta6
Tb0
Tb1
Tb2
Tb3
Tb4
Tb5
Tb6
Tc0
Tc1
Tc2
Tc3
Tc4
Tc5
Tc6
X
ADRS
DATA
X
X
ADRS
DATA
X
X
ADRS
DATA
X
X
CMD
BEs
X
X
CMD
BEs
X
X
CMD
BEs
X
clk
framen
ad[31:0]
c/be[3:0]n
irdyn
devseln
trdyn
stopn
TRANSACTION #1: ADDRESS, BYTE ENABLES,
COMMAND, AND WRITE DATA LATCHED AS A
DELAYED WRITE REQUEST.
TRANSACTION #2: DISCONNECTED W/O DATA
BECAUSE WRITE COMPLETION NOT RECEIVED.
TRANSACTION #3: DISCONNECTED WITH DATA
BECAUSE WRITE COMPLETION RECEIVED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com