Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 13 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 13 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 9Page - Agere Systems OR3LP26B Datasheet HTML 10Page - Agere Systems OR3LP26B Datasheet HTML 11Page - Agere Systems OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
Lucent Technologies Inc.
13
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
OR3LP26B Overview (continued)
Independent data paths exist for the Master and Target controllers. This allows for separate operation of Master
and Target functions, and the capability for a Master to talk to a Target on the same device.
In dual-port mode, the Master and Target controllers share two 64-bit data paths, one in each direction, between
the FIFOs and the FPGA logic. This provides for full-rate transfers in both 32- and 64-bit PCI bus operation.
Quad-port mode provides two 32-bit data paths for each controller: one in each direction. This mode allows for
simultaneous reads and writes on either the Master or Target controller.
Diagrams for dual-port and quad-port operation are shown in Figure 1.
5-6368(F).e
Note: User I/O pin count includes three ExpressCLK pins.
Figure 1.
ORCA OR3LP26B PCI FPSC Block Diagram
Embedded Core Options/FPGA Configuration
In addition to the Series 3 FPGA configuration modes (less Master parallel), the OR3LP26B can also be configured
via the PCI bus. Configuration as discussed here has two meanings. There is configuration of the FPGA logic, and
there is configuration of the options available in the embedded core. Both are accomplished through the FPGA
configuration process (some PCI configuration options may also be set via registers within the PCI bus core).
Readback of FPGA and PCI core options is also possible using the PCI bus or Series 3 FPGA readback modes.
The PCI bus core will be functional in the default PCI bus configuration space, as defined in the PCI bus 2.2 speci-
fication, prior to an initial configuration of the FPGA logic or the embedded core options.
113 USER I/O PADS
OR3T SERIES FPGA
18 ROWS x 28 COLUMNS
73
USER
I/O PADS
73
USER
I/O PADS
PCI
MASTER/TARGET
INTERFACE
PCI
BUS
DATA CONTROL
AND
MULTIPLEXING
32
32
32
32
64-bit x
16 DEEP
FIFO
TARGET
64-bit x
16 DEEP
FIFO
TARGET
64-bit x
32 DEEP
FIFO
MASTER
64-bit x
32 DEEP
FIFO
MASTER
113 USER I/O PADS
OR3T SERIES FPGA
18 ROWS x 28 COLUMNS
73
USER
I/O PADS
73
USER
I/O PADS
64-bit x
32 DEEP
FIFO
PCI
MASTER/TARGET
INTERFACE
PCI
BUS
DATA CONTROL
AND
MULTIPLEXING
64
64
MASTER
64-bit x
32 DEEP
FIFO
MASTER
64-bit x
16 DEEP
FIFO
TARGET
64-bit x
16 DEEP
FIFO
TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com