Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 25 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 25 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 21Page - Agere Systems OR3LP26B Datasheet HTML 22Page - Agere Systems OR3LP26B Datasheet HTML 23Page - Agere Systems OR3LP26B Datasheet HTML 24Page - Agere Systems OR3LP26B Datasheet HTML 25Page - Agere Systems OR3LP26B Datasheet HTML 26Page - Agere Systems OR3LP26B Datasheet HTML 27Page - Agere Systems OR3LP26B Datasheet HTML 28Page - Agere Systems OR3LP26B Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
Lucent Technologies Inc.
25
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Table 8. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
twlastcycn
I
Target Write Last Data Cycle. This active-low signal has two functions:
a. It is asserted low to indicate that the accompanying 32/64 bits of Target read or
write address information is the final portion being sent. It can also be asserted
prior to any address portion being sent, indicating that the previous address is
to be used.
b. It is asserted low to indicate that the accompanying Target write data is the final
data for this operation. When more than one cycle is required to transfer a com-
plete data word, this signal is only valid on the last cycle.
This signal is synchronous to fclk.
Target Read Data FIFO Signals
twburstpendn
O
Target Write Burst Data Availability Pending Flag. This active-low signal
directs the PCI core not to immediately disconnect when the Target write FIFO
becomes full, but rather to insert PCI bus wait-states (up to the maximum allowed,
and then disconnect). Once asserted, this signal needs to remain asserted for a
minimum of two pciclk periods.
This signal must be synchronous to pciclk.
trdataenn
O
Target Read FIFO Data Enable. This active-low signal enables the registering of
bus datafmfpga during Target read operations into the PCI core Target read data
FIFOs on the rising edge of the Target FIFO clock signal. The signal trdataenn
should not be asserted when the Target read data FIFOs are full, or data may be
lost.
This signal must be synchronous to fclk.
tr_fulln
I
Target Read FIFO Full. This signal is active-low and synchronous to the rising
edge of the Target FIFO clock signal. The PCI core asserts this signal to indicate
that the Target read FIFOs are full and that no more data can be clocked in.
This signal is synchronous to fclk.
tr_afulln
I
Target Read FIFO Almost Full. This active-low signal indicates that the Target
read FIFO has only four more empty locations available in the FIFOs.
This signal is synchronous to fclk.
tr_emptyn
I
Target Read Data FIFO Empty Flag. This active-low signal indicates that the tar-
get read data FIFO is empty. Refer to target read description on signal usage.
This signal is synchronous to pciclk.
trpcihold
O
Target Read PCI Bus Hold. During burst transfers on the PCI bus, this signal
delays the start of the transfer on the PCI bus, allowing the FPGA application to fill
the FIFO. The transaction will begin when trpcihold is deasserted or the FIFO
becomes full. Once asserted, this signal needs to remain asserted for a minimum
of two pciclk periods.
This signal must be synchronous to pciclk.
trlastcycn
I
Target Read Last Data Cycle. This active-low signal is asserted to indicate that
the accompanying Target read data is the final data for this operation. When more
than one cycle is required to transfer a complete data word, this signal is only
valid on the last cycle. During a read burst, trlastcycn may remain inactive for
longer than it is required to complete the data transfer. If this occurs, the FPGA
Target should continue to write data into the Target read FIFOs unless the incre-
mented address crosses the address decode space of the FPGA Target. The
address should be incremented by a double word as long as trlastcycn is inac-
tive.
This signal is synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com