Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 60 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 60 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 56Page - Agere Systems OR3LP26B Datasheet HTML 57Page - Agere Systems OR3LP26B Datasheet HTML 58Page - Agere Systems OR3LP26B Datasheet HTML 59Page - Agere Systems OR3LP26B Datasheet HTML 60Page - Agere Systems OR3LP26B Datasheet HTML 61Page - Agere Systems OR3LP26B Datasheet HTML 62Page - Agere Systems OR3LP26B Datasheet HTML 63Page - Agere Systems OR3LP26B Datasheet HTML 64Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 184 page
background image
60
60
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Reset
The FPGA application can apply the PCI core’s reset
signal tfifoclrn to place the core’s target logic in a
known state. Normally, the clear signal will not be used
unless a severe problem has occurred in the data flow.
The tfifoclrn signal is synchronous with fclk and must
be asserted for a minimum of three clock periods. Dur-
ing reset, the t_ready signal will go low. After the reset
signal is deasserted high, t_ready will continue to be
low for 8—10 clock periods. The FPGA application
should not continue normal operation until t_ready is
asserted high.
Understanding and Using the pci_tcfg_stat Status
Signals
On the Target interface, there are two signals that con-
trol and provide status to the FPGA application. The
signal pci_tcfg_stat provides the status, and tcfg-
shiftenn controls what information the status line pro-
vides. The pci_tcfg_stat signal is always active and
duplicates the status contained in configuration status
register at location offset 0x04, bits 24, 28, and 29. To
use this status output, the FPGA application must keep
tcfgshiftenn = 1. When high, pci_tcfg_stat provides
the wired-OR of the three status lines. If pci_tcfg_stat
gets set to a 1, indicating an error, then the FPGA
application may set tcfgshiftenn = 0 to determine indi-
vidual status. Once low, the pci_tcfg_stat signal will
output target abort signaled on the first clock, system
error signaled on the second clock, and parity error
detected on the third clock.
Initiating Target Aborts
There may be a need in an application to initiate a tar-
get abort condition on the PCI bus. In general, this is
asserted for only the most severe cases. The interface
signal, fpga_tabort, is used for this purpose. From the
PCI core's point of view, it needs to know whether to
perform a target abort at the very beginning of a trans-
action, so it is not possible to have a transaction
started, and then assert the fpga_tabort signal. The
signal fpga_tabort needs to be asserted before the
transaction begins, and it was designed to be toggled
on and off from transaction to transaction. Once an
FPGA application determines that it wants to apply a
target abort to any master that accesses it, it would
assert the fpga_tabort signal high. All future target
accesses will be terminated in an abort. In generating
this signal, keep in mind that this signal needs to be
synchronous to pciclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com