Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 71 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 71 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 67Page - Agere Systems OR3LP26B Datasheet HTML 68Page - Agere Systems OR3LP26B Datasheet HTML 69Page - Agere Systems OR3LP26B Datasheet HTML 70Page - Agere Systems OR3LP26B Datasheet HTML 71Page - Agere Systems OR3LP26B Datasheet HTML 72Page - Agere Systems OR3LP26B Datasheet HTML 73Page - Agere Systems OR3LP26B Datasheet HTML 74Page - Agere Systems OR3LP26B Datasheet HTML 75Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 184 page
background image
Lucent Technologies Inc.
71
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 23. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
m_ready
I
Master Logic Ready. This active-high signal indicates that the Master logic
interfacing to the FPGA logic is ready. This signal will be inactive during PCI bus
reset or Master FIFO clears.
This signal is synchronous to fclk.
mcmd[3:0]
O
Master Command Code. Command code for the current Master read/write
operation. Refer to Table 25 on page 79.
This signal must be synchronous to fclk.
Master Write Data FIFO Signals
mwdataenn
O
Master Write FIFO Data Enable. This active-low signal enables the registering
of bus datafmfpga during Master write operations into the PCI core Master
write data FIFOs on the rising edge of the Master FIFO clock signal. The signal
mwdataenn should not be asserted when the Master write data FIFOs are full,
or data may be lost.
This signal must be synchronous to fclk.
mwpcihold
O
Master Write PCI Bus Hold. During burst transfers on the PCI bus, this signal
delays the start of the transfer on the PCI bus, allowing the FPGA application to
fill the FIFO. The transaction will begin when mwpcihold is deasserted or the
FIFO becomes full. When asserted, mwpcihold must be held low for a mini-
mum of two pciclk periods.
This signal must be synchronous to pciclk.
mw_fulln
I
Master Write Data FIFO Full Flag. This active-low signal indicates that the
Master write data FIFOs are full.
This signal is synchronous to fclk.
mw_afulln
I
Master Write Data FIFO Almost Full Flag. This active-low signal indicates that
only four more empty locations remain in the Master write data FIFOs.
This signal is synchronous to fclk.
mw_emptyn
I
Master Write Data FIFO Empty Flag. This active-low signal indicates that the
Master write data FIFO is empty. Refer to Master write description on signal
usage.
This signal is synchronous to pciclk.
mwlastcycn
O
Master Write Last Data Cycle. This active-low signal has two functions:
a. It is asserted low to indicate that the accompanying 32/64 bits of Master read
or write address information is the final portion being sent. It can also be
asserted prior to any address portion being sent, indicating that the previous
address is to be used.
b. It is asserted low to indicate that the accompanying master write data is the
final data for this operation. When more than one cycle is required to transfer
a complete data word, this signal is only valid on the last cycle.
This signal must be synchronous to fclk.
Master Read Data FIFO Signals
mrdataenn
O
Master Read FIFO Data Output Enable. This active-low signal enables the
data from the PCI core Master read data FIFOs onto bus datatofpga during
Master read operations on the rising edge of the Master FIFO clock signal. Valid
data will be read from the FIFO whenever it is not empty.
This signal must be synchronous to fclk.
mr_emptyn
I
Master Read Data FIFO Empty. This active-low signal indicates that the Mas-
ter read data FIFOs of the PCI core are empty.
This signal is synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com