Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 84 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 84 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 80Page - Agere Systems OR3LP26B Datasheet HTML 81Page - Agere Systems OR3LP26B Datasheet HTML 82Page - Agere Systems OR3LP26B Datasheet HTML 83Page - Agere Systems OR3LP26B Datasheet HTML 84Page - Agere Systems OR3LP26B Datasheet HTML 85Page - Agere Systems OR3LP26B Datasheet HTML 86Page - Agere Systems OR3LP26B Datasheet HTML 87Page - Agere Systems OR3LP26B Datasheet HTML 88Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
84
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Understanding FIFO Packing/Unpacking
In quad-port mode, the interface from the core to the FPGA is always 32 bits wide. However, data packing through
the FIFOs will differ depending on whether the transfers on the PCI bus are 32 bits or 64 bits. The following discus-
sions pertain to target write or master read operations where data will be read from the FIFOs.
s
64-bit transfers: Since the FIFOs are always in 64-bit mode, the data will flow through without any repacking.
Keep in mind that 64-bit transfers must start on a Quadword aligned address (AD2 = 0). Case 1 provides an
example of how the data is read out of the read side of the FIFO.
Case 1: Master read burst, 64-bit. Quadword aligned starting address, even number of 64-bit words transferred on
the PCI bus.
Table 28. Quad-Port FIFO Packing/Unpacking, Case 1, PCI Side
Table 29. Dual-Port FIFO Packing/Unpacking, Case 1, FPGA Side
Note: PCI addresses in parentheses are not actually sent across the PCI bus during a burst. They are used for illustrative purposes only.
Dummy words are unknown data words in the FIFOs with their byte enables disabled.
s
32-bit transfers: The FIFOs are always in 64-bit mode, so depending upon what address the transfer begins, the
data coming out of the FIFOs will be packed differently. The following two cases provide examples with different
starting addresses and word counts. Case 1 is also true for Master read operations.
Case 1: Target write burst, 32-bit. Quadword aligned starting address, even number of 32-bit words transferred on
the PCI bus.
PCI Address
PCI Data
PCI Byte Enables
(Active-Low)
00001000
64-bit Word1
00000000
(00001008)
64-bit Word2
00000000
(00001010)
64-bit Word3
00000000
(00001018)
64-bit Word4
00000000
(00001020)
64-bit Word5
00000000
(00001028)
64-bit Word6
00000000
Master Write FIFO Slot
FIFO Data Bits [31:0]
FIFO Byte Enables
(Active-Low)
twdata[31:0]
twdata[35:32]
1
64-bit Word1 [31:0]
0000
1
64-bit Word1 [63:32]
0000
2
64-bit Word2 [31:0]
0000
2
64-bit Word2 [63:32]
0000
3
64-bit Word3 [31:0]
0000
3
64-bit Word3 [63:32]
0000
4
64-bit Word4 [31:0]
0000
4
64-bit Word4 [63:32]
0000
5
64-bit Word5 [31:0]
0000
5
64-bit Word5 [63:32]
0000
6
64-bit Word6 [31:0]
0000
6
64-bit Word6 [63:32]
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com