Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 34 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 34 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 30Page - Agere Systems OR3LP26B Datasheet HTML 31Page - Agere Systems OR3LP26B Datasheet HTML 32Page - Agere Systems OR3LP26B Datasheet HTML 33Page - Agere Systems OR3LP26B Datasheet HTML 34Page - Agere Systems OR3LP26B Datasheet HTML 35Page - Agere Systems OR3LP26B Datasheet HTML 36Page - Agere Systems OR3LP26B Datasheet HTML 37Page - Agere Systems OR3LP26B Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
34
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Table 16. Dual-Port FIFO Packing/Unpacking, Case 2, FPGA Side
Note: PCI addresses in parentheses are not actually sent across the PCI bus during a burst. They are used for illustrative purposes only.
Dummy words are unknown data words in the FIFOs with their byte enables disabled.
Embedded Core/FPGA Interface Operation
Target Address Holding Register and BAR Number Indicator
The PCI core provides two features that reduce overhead on setup of Target transfers.
First, the PCI core’s Target control logic detects the page size of the base address register (BAR) that matched the
current PCI address, and only transfers the address bytes necessary to send the page address, and not the virtual
address of the page, to the FPGA application. The bar bus is synchronous to pciclk, so it must be qualified with
treqn.
Second, the PCI core utilizes an optional address holding register so that only the least significant portion of the
address that is different from the previous address is sent to the FPGA application. Utilization of this feature usually
reduces the amount of address that must be transferred, but may require that the FPGA application build a copy of
the holding register in order to reconstruct the address. For this reason, this feature is optional and can be disabled
via a bit in the FPGA configuration manager.
Interrupt Request and System Error Generation
Two additional signals are available on the user side interface to request an interrupt on intan (pci_intan) and force
a system error on the PCI serrn pin (fpga_syserror). The pci_intan signal may be asserted low at any time. It is
not directly tied to any bus cycle. The fpga_syserror, as well, may be asserted high at any time. The serrn signal
will be subsequently asserted low during the next PCI transaction to this device. In generating pci_intan and
fpga_syserror, keep in mind that both signals need to be synchronous to pciclk.
Working in 32-bit and 64-bit Modes
The OR3LP26B works equally well in 32-bit and 64-bit PCI systems. In a 64-bit system, it is required that, during
reset, the host assert req64n low indicating that the bus width is 64 bits. The core will evaluate this signal at reset,
and automatically configure itself in either 32-bit or 64-bit mode. When configured in 32-bit mode, the core will
3-state all upper PCI bus pins and apply a weak pull-up.
32-Bit Transfers in a 64-bit System
Although designed as a 64-bit interface, the OR3LP26B also works efficiently in 32-bit mode. For single 32-bit
transfers, the core will perform a 32-bit PCI transfer. For burst transactions, the core will attempt 64-bit transfers,
and then back down to 32-bit mode if ack64n was not received. In general, the core will perform the PCI bus trans-
action that is most efficient on the bus.
Master Write FIFO Slot
FIFO Data Bits 63:32
FIFO Data Bits 31:0
FIFO Byte Enables
(Active-Low)
datatofpga[63:0]
datatofpgax[7:0]
1
32-bit Word2
32-bit Word1
00000000
2
32-bit Word4
32-bit Word3
00000000
3
Dummy Word
32-bit Word5
FFFF0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com