Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 73 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 73 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 69Page - Agere Systems OR3LP26B Datasheet HTML 70Page - Agere Systems OR3LP26B Datasheet HTML 71Page - Agere Systems OR3LP26B Datasheet HTML 72Page - Agere Systems OR3LP26B Datasheet HTML 73Page - Agere Systems OR3LP26B Datasheet HTML 74Page - Agere Systems OR3LP26B Datasheet HTML 75Page - Agere Systems OR3LP26B Datasheet HTML 76Page - Agere Systems OR3LP26B Datasheet HTML 77Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 184 page
background image
Lucent Technologies Inc.
73
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 23. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
Target Data FIFO Signals
twdata[35:0]
I
Target side data bus into the FPGA from the target write FIFOs.
These signals are synchronous to fclk.
trdata[35:0]
O
Target side data bus out of the FPGA into the target read FIFOs.
These signals must be synchronous to fclk.
Target FIFO Address and Command Register Control Signals
tfifoclrn
O
Target FIFO Clear. This active-low signal is asserted by the FPGA Target to
clear all Target FIFOs.
This signal must be synchronous to fclk.
treqn
I
Target Request from PCI. This active-low signal is synchronous to the Target
FIFO clock signal. The PCI core asserts treqn as an indication to the Target
that a transfer request (either read or write) is pending to the target. As long as
there are valid target addresses present in the address FIFO, the treqn signal
will continue to be active.
This signal is synchronous to fclk.
t_ready
I
Target Logic Ready. This active-high signal indicates that the Target logic inter-
facing to the FPGA logic is ready. This signal will be inactive during PCI bus
reset or Target FIFO clears.
This signal is synchronous to fclk.
taenn
O
Target Address and Command Register Output Enable. This active-low sig-
nal enables PCI addresses to be read from the Target address register of the
PCI core, and PCI commands to be read from the Target command register.
The PCI core will only execute enough address cycles to transfer the address
within the matched page (higher-order bits are not stripped).
This signal must be synchronous to fclk.
tcmd[3:0]
I
Target Command Code. This bus provides the command code for a new Tar-
get operation, and is valid when the FPGA senses treqn active-low.
Because it is synchronous to pciclk, it must be qualified with treqn.
bar[2:0]
I
Base Address Register Number. This bus indicates which of the six BARs
matched the address for the current Target operation, and is valid when the
FPGA senses treqn active-low. The three 64-bit BARs are designated as num-
bers 0, 2, and 4.
Because it is synchronous to pciclk, it must be qualified with treqn.
tstatecntr[2:0]
I
Internal State Counter. Used for target reads and writes. Details of the target
state machine operation can be found in tables at the end of each operation
section.
This signal is synchronous to fclk.
Target Write Data FIFO Signals
twdataenn
O
Target Write FIFO Data Enable. This active-low signal enables data from the
PCI core Target write data FIFOs onto bus datatofpga during Target write oper-
ations on the rising edge of the Target FIFO clock signal. Valid data will be read
from the FIFO whenever it is not empty.
This signal must be synchronous to fclk.
tw_emptyn
I
Target Write FIFO Empty. This signal active indicates that the Target write
FIFO is empty.
This signal is synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com