Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 74 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 74 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 70Page - Agere Systems OR3LP26B Datasheet HTML 71Page - Agere Systems OR3LP26B Datasheet HTML 72Page - Agere Systems OR3LP26B Datasheet HTML 73Page - Agere Systems OR3LP26B Datasheet HTML 74Page - Agere Systems OR3LP26B Datasheet HTML 75Page - Agere Systems OR3LP26B Datasheet HTML 76Page - Agere Systems OR3LP26B Datasheet HTML 77Page - Agere Systems OR3LP26B Datasheet HTML 78Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
74
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 23. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
tw_aemptyn
I
Target Write FIFO Almost Empty. This active-low signal indicates that only four
more empty locations are available in the Target write FIFOs.
This signal is synchronous to fclk.
tw_fulln
I
Target Write Data FIFO Full Flag. This active-low signal indicates that the target
write data FIFO is full. Refer to target write description on signal usage.
This signal is synchronous to pciclk.
twlastcycn
I
Target Write Last Data Cycle. This active-low signal has two functions:
a. It is asserted low to indicate that the accompanying 32/64 bits of Target read or
write address information is the final portion being sent. It can also be asserted
prior to any address portion being sent, indicating that the previous address is
to be used.
b. It is asserted low to indicate that the accompanying Target write data is the final
data for this operation. When more than one cycle is required to transfer a com-
plete data word, this signal is only valid on the last cycle.
This signal is synchronous to fclk.
twburstpendn
O
Target Write Burst Data Availability Pending Flag. This active-low signal
directs the PCI core not to immediately disconnect when the Target write FIFO
becomes full, but rather to insert PCI bus wait-states (up to the maximum allowed,
and then disconnect). Once asserted, this signal needs to remain asserted for a
minimum or two pciclk periods.
This signal must be synchronous to pciclk.
Target Read Data FIFO Signals
trdataenn
O
Target Read FIFO Data Enable. This active-low signal enables the registering of
bus datafmfpga during Target read operations into the PCI core Target read data
FIFOs on the rising edge of the Target FIFO clock signal. The signal trdataenn
should not be asserted when the Target read data FIFOs are full, or data may be
lost.
This signal must be synchronous to fclk.
tr_fulln
I
Target Read FIFO Full. This signal is active-low and synchronous to the rising
edge of the Target FIFO clock signal. The PCI core asserts this signal to indicate
that the Target read FIFOs are full and that no more data can be clocked in.
This signal is synchronous to fclk.
tr_afulln
I
Target Read FIFO Almost Full. This active-low signal indicates that the Target
read FIFO has only four more empty locations available in the FIFOs.
This signal is synchronous to fclk.
tr_emptyn
I
Target Read Data FIFO Empty Flag. This active-low signal indicates that the tar-
get read data FIFO is empty. Refer to target read description on signal usage.
This signal is synchronous to pciclk.
trpcihold
O
Target Read PCI Bus Hold. During burst transfers on the PCI bus, this signal
delays the start of the transfer on the PCI bus, allowing the FPGA application to fill
the FIFO. The transaction will begin when trpcihold is deasserted or the FIFO
becomes full. Once asserted, this signal needs to remain asserted for a minimum
or two pciclk periods.
This signal must be synchronous to pciclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com