Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 16 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 16 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 184 page
background image
16
16
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
PCI Bus Core Detailed Description
(continued)
PCI Protocol Fundamentals
Basic Transfer Control
The following paragraphs describe various aspects of
the PCI protocol and the way they are handled by the
PCI core.
Addressing. The PCI Specification defines three types
of address spaces. The first, configuration address
space, is a physical address of space and is intended
as a means for powerup software to identify agents and
configure them before other address spaces have allo-
cated. The second, I/O address space, is intended for
mapping control functions. Control function page sizes
in configuration space should be no more than
256 bytes. The third, memory address space, is
intended for bulk data transfer. It has features to facili-
tate this, such as special commands for cache imple-
mentation, large page sizes, and mechanisms for
prefetching. The PCI core handles all three address
space types as both a Master and a Target.
Byte Alignment. On all write operations (configuration,
I/O, and memory space, and including the memory
write and invalidate instruction), for both the PCI core’s
Master and Target functions, byte enables are fully
implemented from/to the FPGA interface. Note, how-
ever, that even though the PCI core implements the
ability to control byte enables for the memory write and
invalidate instruction, the PCI Specification requires
that this instruction assert all byte enables, and this is
the FPGA application’s responsibility. On read opera-
tions, the utility of byte enables is more dubious since
the data must be enroute from the PCI bus from Target
to Master, at the time that the corresponding byte
enables are enroute on the PCI bus Master to Target
(unless wait-states are inserted). The PCI core, there-
fore, does not implement byte enable control for Master
or Target reads. Byte enables on master read opera-
tions are always asserted, and target ignores the byte
enables that are sent, in accordance with PCI Specifi-
cation requirements.
Device Selection (devseln)
The target is responsible for responding to a master’s
request by asserting the PCI bus signal devseln.
devseln may be asserted one, two, or three clocks
after the address phrase of a transaction, correspond-
ing to fast, medium, or slow decode, respectively. The
PCI core’s target is capable of preforming a medium-
speed decode response. The decode response speed
has a significant impact on the overall latency and
bandwidth of nonburst PCI transactions, but its impact
decreases greatly for burst transactions, particularly for
burst lengths of the size of the PCI core’s FIFOs.
Address/Data Stepping
Stepping is an optional feature added to the PCI Speci-
fication to accommodate agents whose bus drive capa-
bility is insufficient to handle large groups of signals
changing state in one clock cycle. Continuous stepping
allows weak drivers multiple cycles for signal transition.
Discrete stepping partitions the bus into two or more
groups of bits that transition on successive clock
cycles. However, stepping exacts a heavy toll on perfor-
mance, cutting maximum bandwidth by at least 50%
and increasing latency. The PCI core is designed for
maximum throughput with high-performance buffers, so
stepping is unnecessary and not implemented. The
wait cycle control, bit 7 of the command register, is
therefore hardwired to a zero.
Reset Operation
The PCI bus contains a signal, rstn, that performs a
PCI reset function. When the reset occurs, all state
machines in the ASIC are placed in their idle state, the
configuration space BARs are reset to their mask val-
ues, and the command registers are reset. The reset
does not reset the FPGA logic. The PCI reset signal is
fed from the ASIC to the FPGA logic to be used by the
designer.
Interrupt Acknowledge
The interrupt acknowledge command is a read by the
system CPU implicitly addressed to the system inter-
rupt controller. Other agents, including the PCI core,
are not required to implement this instruction; the PCI
core’s Master does not generate it and its Target
ignores it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com