Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 14 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 14 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 10Page - Agere Systems OR3LP26B Datasheet HTML 11Page - Agere Systems OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
14
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description
The following sections describe the operation of the embedded core PCI bus interface.
PCI Bus Commands
The PCI core supports all commands required by the PCI specification. The following table describes each com-
mand. Subsequent sections will describe the protocols in which the commands are used.
Table 4. PCI Bus Command Descriptions
Command
Code
(Binary
)
Command
Master
Generates
Target
Accepts
Description
0000
Interrupt
Acknowl-
edge
—
—
Only implemented as Master by agents that interface to the sys-
tem CPU and as Target by agents that incorporate the system
interrupt controller.
0001
Special
Cycle
—
—
Target ignores, per PCI Specification section 3.6.2.
0010
I/O Read
√√
Fully implemented.
Target: Bursting is prevented by disconnecting with data on the
first data phase. If signal deltrn is asserted low, I/O (and memory)
reads are handled as delayed transactions; no wait-states are
generated. If signal deltrn is deasserted high, the unit waits for the
data from the FPGA application, inserting wait-states (up to the
maximum allowed, after which a retry is issued).
Master: Bursting is allowed, and no wait-states are generated.
0011
I/O Write
√√
Fully implemented.
Target: Bursting is prevented by disconnecting with data on the
first data phase. If signal deltrn is asserted low, I/O writes are
handled as delayed transactions; no wait-states are generated.
Master: Bursting is allowed, and no wait-states are generated.
0100
(reserved)
—
—
Target ignores, per PCI Specification section 3.1.1.
0101
(reserved)
—
—
Target ignores, per PCI Specification section 3.1.1.
0110
Memory
Read
√√
Fully implemented.
Target: Bursting is allowed. If signal deltrn is asserted low, mem-
ory (and I/O) reads are handled as delayed transactions. If signal
deltrn is deasserted high, the unit waits for the data from the
FPGA application, inserting wait-states (up to the maximum
allowed, after which a retry is issued). If signal trburstpendn is
asserted low and the Target Read FIFO is empty, wait-states are
inserted (up to the maximum allowed, after which a retry is
issued).
Master: Bursting is allowed, and no wait-states are generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com