Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 72 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 72 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 68Page - Agere Systems OR3LP26B Datasheet HTML 69Page - Agere Systems OR3LP26B Datasheet HTML 70Page - Agere Systems OR3LP26B Datasheet HTML 71Page - Agere Systems OR3LP26B Datasheet HTML 72Page - Agere Systems OR3LP26B Datasheet HTML 73Page - Agere Systems OR3LP26B Datasheet HTML 74Page - Agere Systems OR3LP26B Datasheet HTML 75Page - Agere Systems OR3LP26B Datasheet HTML 76Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
72
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Table 23. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
mr_aemptyn
I
Master Read Data FIFO Almost Empty. This active-low signal indicates that
only four more data locations are available to be read from the Master read data
FIFOs of the PCI core.
This signal is synchronous to fclk.
mr_fulln
I
Master Read Data FIFO Full Flag. This active-low signal indicates that the
Master read data FIFO is full. Refer to Master read description on signal usage.
This signal is synchronous to pciclk.
fpga_mstopburstn
O
Stop Burst Reads. This active-low signal is used by the FPGA Master to termi-
nate burst reads before completion. When asserted, it must stay asserted for a
minimum of two pciclk periods. When asserted, fpga_mstopburstn must stay
asserted until ma_fulln goes inactive (high).
This signal must be synchronous to pciclk.
mrlastcycn
I
Master Read Last Data Cycle. This active-low signal is asserted to indicate
that the accompanying Master read data is the final data for this operation.
When more than one cycle is required to transfer a complete data word, this
signal is only valid on the last cycle (1 fclk period).
This signal is synchronous to fclk.
Target General Signals
disctimerexpn
I
Discard Timer Expired. This active-low signal, when asserted, indicates that
the discard timer has expired and the core will now treat the retried delayed
transaction as a new transaction. The discard timer is a 15-bit counter which
starts its count when a delayed transaction is started.
This signal is synchronous to fclk.
fpga_tabort
O
Target Abort. This active-high signal is asserted by the FPGA Target applica-
tion to abort all future PCI cycles. Once asserted, this signal needs to remain
asserted for a minimum of two pciclk cycles.
This signal must be synchronous to pciclk.
fpga_tretryn
O
Assert Retry. This active-low signal is asserted by an FPGA Target to the PCI
core to send a retry to the PCI bus. Once asserted, this signal needs to remain
asserted for a minimum of two pciclk cycles.
This signal must be synchronous to pciclk.
deltrn
O
Target Delayed Transaction. Used for Target I/O write (page 102) and Target
read operations (page 111). Target memory writes are always posted. Once
asserted, this signal needs to remain asserted for a minimum of two pciclk
cycles.
This signal must be synchronous to pciclk.
tcfgshiftenn
pci_tcfg_stat
O
I
tcfgshiftenn is an active-low signal that determines the data that is output by
the PCI core onto signal pci_tcfg_stat:
tcfgshiftenn = 1:
pci_tcfg_stat = wired-OR of all bits below, after being
masked by FPGA configuration RAM bits;
tcfgshiftenn = 0:
pci_tcfg_stat = each bit below, one at a time on suc-
cessive pciclk rising edges (unmasked), reset when
tcfgshiftenn = 1;
Status bits:
Target abort signaled, system error signaled,
and parity error detected.
Both signals are synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com