Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 59 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 59 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 55Page - Agere Systems OR3LP26B Datasheet HTML 56Page - Agere Systems OR3LP26B Datasheet HTML 57Page - Agere Systems OR3LP26B Datasheet HTML 58Page - Agere Systems OR3LP26B Datasheet HTML 59Page - Agere Systems OR3LP26B Datasheet HTML 60Page - Agere Systems OR3LP26B Datasheet HTML 61Page - Agere Systems OR3LP26B Datasheet HTML 62Page - Agere Systems OR3LP26B Datasheet HTML 63Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
Lucent Technologies Inc.
59
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Delayed Transactions
Delayed transactions can be executed by assesting
deltrn low. When deltrn is asserted low, the PCI core
Target read logic will issue a retry whenever no Target
read operation is already pending. When this signal is
inactive-high, it will instead generate wait-states, and
continue to do so until either the FIFO becomes not
empty, when it will transmit the data, or until the maxi-
mum initial latency value (16 or 32 clock cycles) has
been reached. This signal should be inactive when
minimum latency is desired on the initial data word, at
the expense of overall PCI bus efficiency. Whereas dis-
able delayed transactions affects the transaction’s
behavior on the initial data word, signal trburstpendn
affects behavior when the Target read FIFO empties.
When trburstpendn is inactive, a disconnect without
data results from an attempt to read from an empty
FIFO. With trburstpendn active, the PCI core will wait
for data from the FIFO by inserting wait-states (up to
the maximum subsequent latency value of 8, at which
time a disconnect without data will be generated).
Asserting trburstpendn will minimize latency for this
transaction’s data at the expense of overall PCI bus
efficiency. trburstpendn must remain static throughout
a Target read transaction.
Delayed transactions are very similar to a target retry
except that the address is actually stored in the core.
Delayed transactions are usually implemented in sys-
tems where the user side interface cannot supply the
first piece of data in 16 clock cycles. An example of this
may be that the user interface is connected to another
bus system. On a PCI target read, the user interface
must arbitrate for the user bus and get the necessary
data. Delayed transaction mode is used when the del-
trn bit is asserted low. This bit is not a dynamic bit. It
must be set ahead of a transaction occurring. It is not
recommended to switch between delayed and non-
delayed transactions dynamically.
When deltrn is low, a master read request is termi-
nated in a target retry. On the user interface side, the
address is stored in the target address FIFO, and treqn
is asserted low. All future master requests are termi-
nated in a retry until the address is read out of the
FIFO, data is loaded into the FIFO, and the same
request comes back to complete the transaction. In
generating this signal, keep in mind that this signal
needs to be synchronous to pciclk.
Another option the designer has using delayed transac-
tions is to use the signal trpcihold. The signal trpci-
hold should be used when the user side interface is
slow loading requested data, and the designer wishes
to utilize the PCI in the most efficient manner. Without
this signal, an external master will request data and
hold onto the PCI bus until either it has received it or it
gets terminated by latency timers, etc. A more efficient
method to utilize the PCI bus is to assert trpcihold,
load the FIFOs, and then deassert it. While the trpci-
hold signal is asserted, the core thinks that the FIFOs
stay empty even though they are slowly filling with data.
Requests from an external master are terminated in
retries. When the trpcihold signal is deasserted (or the
FIFO becomes full), the core will allow an external
master to come in, the data will be burst across the PCI
bus as fast as the master will allow, and the transaction
will end. In generating trpcihold, keep in mind that this
signal needs to be synchronous to pciclk.
Termination
Normal transaction completion occurs immediately
upon completion of the PCI bus transfer, even if extra
data remains in the Target read FIFO. When the PCI
transaction ends either normally, or as retry, discon-
nect, or Target abort, the PCI core signals end of trans-
action to the FPGA application by deasserting treqn.
When treqn deasserts, the FPGA application must
immediately deassert trdataenn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com