Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 3 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 3 Page - Agere Systems

  OR3LP26B Datasheet HTML 1Page - Agere Systems OR3LP26B Datasheet HTML 2Page - Agere Systems OR3LP26B Datasheet HTML 3Page - Agere Systems OR3LP26B Datasheet HTML 4Page - Agere Systems OR3LP26B Datasheet HTML 5Page - Agere Systems OR3LP26B Datasheet HTML 6Page - Agere Systems OR3LP26B Datasheet HTML 7Page - Agere Systems OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 184 page
background image
Lucent Technologies Inc.
3
Lucent Technologies Inc.
Table of Contents (continued)
Contents
Page
Contents
Page
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Figure 10. Target Configuration Write
(PCI Bus, 64-Bit) ...........................................................52
Figure 11. Target I/O Write, Delayed (PCI Bus, 64-Bit) ...53
Figure 12. Target Write Memory Single
(PCI Bus, 64-Bit) ...........................................................54
Figure 13. Target Write Single (FPGA Bus, Dual-Port)....55
Figure 14. Target Memory Write 32-Byte Burst
(PCI Bus, 64-Bit) ...........................................................56
Figure 15. Target Write Memory 32-Byte Burst
(FPGA Bus, Dual-Port) .................................................57
Figure 16. Target Configuration Read
(PCI Bus, 64-Bit) ...........................................................61
Figure 17. Target I/O Read, Delayed (PCI Bus, 64-Bit) ...62
Figure 18. Target I/O Read, Not Delayed
(PCI Bus, 64-Bit) ...........................................................63
Figure 19. Target Memory Single Read, Delayed
(PCI Bus, 64-Bit) ...........................................................64
Figure 20. Target Read Single (FPGA Bus, Dual-Port)....65
Figure 21. Target Memory Read Single, Not Delayed
(PCI Bus, 64-Bit) ...........................................................66
Figure 22. Target Memory Read 32-Byte Burst, Delayed
(PCI Bus, 64-Bit) ...........................................................67
Figure 23. Target Read Memory 32-Byte Burst
(FPGA, Dual-Port) ........................................................68
Figure 24. Target Read Memory Burst, No Delayed
(PCI Bus, 32-Bit) ...........................................................69
Figure 25. Master Write Single (PCI Bus, 64-Bit) ............90
Figure 26. Master Write 32-Byte Burst
(PCI Bus, 64-Bit) ...........................................................91
Figure 27. Master Write Single Quadword
(FPGA Bus, Quad-Port, 64-Bit Address) ......................92
Figure 28. Master Write 32-Byte Burst
(FPGA Bus, Quad-Port, 64-Bit Address) ......................93
Figure 29. Master Read Single (PCI Bus, 64-Bit) ............96
Figure 30. Master Read Single Quadword (FPGA Bus,
Quad-Port, Specified Burst Length, 32-Bit Address) ....97
Figure 31. Master Read 32-Byte Burst
(PCI Bus, 64-Bit) ...........................................................98
Figure 32. Master Read 32-Byte Burst (FPGA Bus,
Quad-Port, Specified Burst Length, 32-Bit Address) ....99
Figure 33. Target Configuration Write
(PCI Bus, 64-Bit) ...........................................................104
Figure 34. Target I/O Write, Delayed (PCI Bus, 64-Bit) ...105
Figure 35. Target Write Memory Single
(PCI Bus, 64-Bit) ...........................................................106
Figure 36. Target Write Single Quadword
(FPGA Bus, Quad-Port, 64-Bit Address) ......................107
Figure 37. Target Memory Write 32-Byte Burst
(PCI Bus, 64-Bit) ...........................................................108
Figure 38. Target Write Memory 32-Byte Burst
(FPGA Bus, Quad-Port, 32-Bit Address) ......................109
Figure 39. Target Configuration Read
(PCI Bus, 64-Bit) ...........................................................113
Figure 40. Target I/O Read, Delayed
(PCI Bus, 64-Bit) ...........................................................114
Figure 41. Target I/O Read, Not Delayed
(PCI Bus, 64-Bit) .......................................................... 115
Figure 42. Target Memory Single Read, Delayed
(PCI Bus, 64-Bit) .......................................................... 116
Figure 43. Target Read Single (FPGA Bus, Quad-Port,
64-Bit Address)............................................................. 117
Figure 44. Target Memory Read Single, Not Delayed
(PCI Bus, 64-Bit) .......................................................... 118
Figure 45. Target Memory Read 32-Byte Burst, Delayed
(PCI Bus, 64-Bit) .......................................................... 119
Figure 46. Target Read Memory 32-Byte Burst
(FPGA Bus, Quad-Port, 32-Bit Address) ...................... 120
Figure 47. Target Read Memory Burst, No Delayed
(PCI Bus, 32-Bit) .......................................................... 121
Figure 48. FPSC Block Diagram and Clock Network ...... 129
Figure 49. Serial Configuration Data Format—
Autoincrement Mode .................................................... 131
Figure 50. Serial Configuration Data Format—
Explicit Mode ................................................................ 131
Figure 51. ExpressCLK to Output Delay ......................... 138
Figure 52. Fast Clock to Output Delay ............................ 139
Figure 53. System Clock to Output Delay ....................... 140
Figure 54. Input to ExpressCLK Setup/Hold Time .......... 141
Figure 55. Input to Fast Clock Setup/Hold Time.............. 142
Figure 56. Input to System Clock Setup/Hold Time ........ 143
Figure 57. ac Test Loads ................................................. 148
Figure 58. Output Buffer Delays ...................................... 148
Figure 59. Input Buffer Delays......................................... 148
Figure 60. Sinklim (TJ = 25 °C, VDD = 3.3 V) ................. 149
Figure 61. Slewlim (TJ = 25 °C, VDD = 3.3 V) ................ 149
Figure 62. Fast (TJ = 25 °C, VDD = 3.3 V)...................... 149
Figure 63. Sinklim (TJ = 125 °C, VDD = 3.0 V) ............... 149
Figure 64. Slewlim (TJ = 125 °C, VDD = 3.0 V) .............. 149
Figure 65. Fast (TJ = 125 °C, VDD = 3.0 V).................... 149
Figure 66. Package Parasitics ......................................... 180
Tables
Table 1. ORCA OR3LP26B PCI FPSC Solution—
Available FPGA Logic................................................... 1
Table 2. PCI Local Bus Data Rates ................................ 10
Table 3. OR3LP26B Array .............................................. 11
Table 4. PCI Bus Command Descriptions ...................... 14
Table 5. Timing Budgets................................................. 17
Table 6. FIFO Flags Provided to FPGA Application ....... 18
Table 7. PCI Bus Pin Descriptions.................................. 18
Table 8. Embedded Core/FPGA Interface Signals ......... 21
Table 9. OR3LP26B FPGA/PCI Core Interface Signal
Locations ...................................................................... 27
Table 10. Bit Definitions on FPGA/PCI Core Interface ... 30
Table 11. Address Cycle Sequences for Various
Operations ................................................................... 31
Table 12. PCI Core Options Settable via FPGA
Configuration RAM Bits ................................................ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com